Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 153 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 153 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 149Page - ams-OSRAM AG AS3722 Datasheet HTML 150Page - ams-OSRAM AG AS3722 Datasheet HTML 151Page - ams-OSRAM AG AS3722 Datasheet HTML 152Page - ams-OSRAM AG AS3722 Datasheet HTML 153Page - ams-OSRAM AG AS3722 Datasheet HTML 154Page - ams-OSRAM AG AS3722 Datasheet HTML 155Page - ams-OSRAM AG AS3722 Datasheet HTML 156Page - ams-OSRAM AG AS3722 Datasheet HTML 157Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 199 page
background image
Page 152
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 170:
OC_pg_ctrl2
Figure 171:
CTRLstatus
Addr:5eh
OC_pg_ctrl2
Bit
Bit Name
Default
Access
Bit Description
0
-
0
RW
N/A, has to be set to “0”
2:1
pg_vmask_time
0
RW
Mask pwrgood_sd0 (=sd0_lv) and ovcurr
after voltage change (DVS)
0 : no masking
1 : 4us
2 : 8us
3 : do not use
5:3
pg_sd6_ovc_alarm
0
RW
Selects overcurrent alarm threshold of
dcdc6 per phase
0 : disabled
1 : 1.6A
2 : 1.8A
3 : 2.0A
4 : 2.2A
5 : 2.4A
6 : 2.6A
7 : 2.8A
6
pg_pwrgood_sd6_mask
0
RW
Mask power good for dcdc6 (dcdc6_lv)
signal on selected GPIO output
7pg_ovcurr_sd6_mask
0
RW
Mask overcurrent alarm threshold of
dcdc6 on selected GPIO output
if bits 7 and 6 are 0, pg_sd6 (if selected as
GPIO out function) represents power good
and overcurrent
function of sd6
Addr:5fh
CTRLstatus
Bit
Bit Name
Default
Access
Bit Description
0
ac_ok
0
RO
Status of AC_OK pin
1lid
0
RO
Status of LID pin
2
therm
0
RO
Status of THERM pin
3
ov_curr
0
RO
Over current of SD0 reached
4enable1
0
RO
Status of enable1 signal (enable1 XOR
enable1_inv)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com