Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 156 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 156 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 152Page - ams-OSRAM AG AS3722 Datasheet HTML 153Page - ams-OSRAM AG AS3722 Datasheet HTML 154Page - ams-OSRAM AG AS3722 Datasheet HTML 155Page - ams-OSRAM AG AS3722 Datasheet HTML 156Page - ams-OSRAM AG AS3722 Datasheet HTML 157Page - ams-OSRAM AG AS3722 Datasheet HTML 158Page - ams-OSRAM AG AS3722 Datasheet HTML 159Page - ams-OSRAM AG AS3722 Datasheet HTML 160Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 199 page
background image
ams Datasheet
Page 155
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 176:
RTCday
Figure 177:
RTCmonth
7pm
0
RW
AM/PM flag (only valid when am_pm_mode is 1,
otherwise read returns 0)
0 : AM
1 : PM
RTCyear has to be written to latch the whole RTC
register
Addr:64h
RTCday
Bit
Bit Name
Default
Access
Bit Description
3:0
day0
1
RW_SM
Days digit (BCD coded)
RTCyear has to be written to latch the whole RTC
register
5:4
day1
0
=
10-days digit (BCD coded),
RTCday counts days, month roll over after
31/30/29/28 days to 01
RTCyear has to be written to latch the whole RTC
register
Addr:65h
RTCmonth
Bit
Bit Name
Default
Access
Bit Description
3:0
month0
1
=
Months digit (BCD coded)
RTCyear has to be written to latch the whole RTC
register
4month1
0
=
10-months digit (BCD coded),
RTCmonth counts month, year roll over after 12
months to 01
RTCyear has to be written to latch the whole RTC
register
Addr:63h
RTChour
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com