Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 165 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 165 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 161Page - ams-OSRAM AG AS3722 Datasheet HTML 162Page - ams-OSRAM AG AS3722 Datasheet HTML 163Page - ams-OSRAM AG AS3722 Datasheet HTML 164Page - ams-OSRAM AG AS3722 Datasheet HTML 165Page - ams-OSRAM AG AS3722 Datasheet HTML 166Page - ams-OSRAM AG AS3722 Datasheet HTML 167Page - ams-OSRAM AG AS3722 Datasheet HTML 168Page - ams-OSRAM AG AS3722 Datasheet HTML 169Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 199 page
background image
Page 164
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 193:
InterruptStatus2
Figure 194:
InterruptStatus3
Addr:79h
InterruptStatus2
Bit
Bit Name
Default
Access
Bit Description
7
rtc_rep_int_i
0
SS_RC
Rising edge only
6
sd6_lv_int_i
0
SS_RC
Rising edge only
5
enable2_int_i
0
SS_RC
Rising and falling edge
4
PWM2_ovprot_int_i
0
SS_RC
Rising edge only
overvoltage protection reached with VPWM2
control
3
PWM1_ovprot_int_i
0
SS_RC
Rising edge only
overvoltage protection reached with VPWM1
control
2
sd2345_lv_int_i
0
SS_RC
Rising edge only
low voltage of sd2,3,4 or 5
1
sd1_lv_int_i
0
SS_RC
Rising edge only
0
sd0_lv_int_i
0
SS_RC
Rising edge only
Addr:7ah
InterruptStatus3
Bit
Bit Name
Default
Access
Bit Description
7
enable3_int_i
0
SS_RC
Rising and falling edge
6
wtdg_int_i
0
SS_RC
Watchdog expired
5
gpio5_int_i
0
SS_RC
Rising and falling edge
4
gpio4_int_i
0
SS_RC
Rising and falling edge
3
gpio3_int_i
0
SS_RC
Rising and falling edge
2
gpio2_int_i
0
SS_RC
Rising and falling edge
1
gpio1_int_i
0
SS_RC
Rising and falling edge
0
rtc_alarm_int_i
0
SS_RC
Rising edge only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com