Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 168 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 168 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 164Page - ams-OSRAM AG AS3722 Datasheet HTML 165Page - ams-OSRAM AG AS3722 Datasheet HTML 166Page - ams-OSRAM AG AS3722 Datasheet HTML 167Page - ams-OSRAM AG AS3722 Datasheet HTML 168Page - ams-OSRAM AG AS3722 Datasheet HTML 169Page - ams-OSRAM AG AS3722 Datasheet HTML 170Page - ams-OSRAM AG AS3722 Datasheet HTML 171Page - ams-OSRAM AG AS3722 Datasheet HTML 172Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 199 page
background image
ams Datasheet
Page 167
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 198:
ADC1_control
Addr:81h
ADC1_control
Bit
Bit Name
Default
Access
Bit Description
7
adc1_start_conversion
0
RW_SM
Writing a 1 into this bit starts one ADC
conversion. Self cleared at begin of ADC
conversion
6adc1_interval_scan
0
RW
ADC conversion mode
0 : no interval conversion, single shot
1 : interval conversion, convert every
500/1000ms
5adc1_gpio_lv
0
RW
0 : High voltage range of GPIO1,2,6,7,
PWM_CLK2, PWM_DAT2 (4:1 divider active)
1 : Low voltage range of GPIO1,2,4,7,
PWM_CLK2, PWM_DAT2 (1:1 divider, 1.6V
max)
4:0
adc1_select
0
RW
Selects an ADC channel
0 : Output Current SD0
1 : Output Current SD1
2 : Output Current SD6
3 : Temperature sensor:DIE temperature [C] =
adc_result * 0.7698 - 274 (1:1)
4 : VSUP (4:1)
5 : GPIO1 (4:1 or 1:1 )
6 : GPIO2 (4:1 or 1:1 )
7 : GPIO3 (4:1 or 1:1 )
8 : GPIO4 (4:1 or 1:1 )
9 : GPIO6 (4:1 or 1:1 )
10 : GPIO7 (4:1 or 1:1 )
11 : VBAT (15:1) value valid below 15V only
12 : PWM_CLK2/ADC1 (4:1 or 1:1 )
13 : PWM_DAT2/ADC1 (4:1 or 1:1 )
14 : do not use
15 : do not use
16 : TEMP1_SD0: Tj = 326.5 – adc1_D[9:0] *
0.3734 (1:1)
17 : TEMP2_SD0: Tj = 326.5 - adc1_D[9:0] *
0.3734 (1:1)
18 : TEMP3_SD0: Tj = 326.5 - adc1_D[9:0] *
0.3734 (1:1)
19 : TEMP4_SD0: Tj = 326.5 - adc1_D[9:0] *
0.3734 (1:1)
20 : TEMP_SD1: Tj = 326.5 - adc1_D[9:0] *
0.3734 (1:1)
21 : TEMP1_SD6: Tj = 326.5 - adc1_D[9:0] *
0.3734 (1:1)
22 : TEMP2_SD6: Tj = 326.5 - adc1_D[9:0] *
0.3734 (1:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com