Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 145Page - Renesas Technology Corp M16C/1N Datasheet HTML 146Page - Renesas Technology Corp M16C/1N Datasheet HTML 147Page - Renesas Technology Corp M16C/1N Datasheet HTML 148Page - Renesas Technology Corp M16C/1N Datasheet HTML 149Page - Renesas Technology Corp M16C/1N Datasheet HTML 150Page - Renesas Technology Corp M16C/1N Datasheet HTML 151Page - Renesas Technology Corp M16C/1N Datasheet HTML 152Page - Renesas Technology Corp M16C/1N Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 137 of 222
M16C/1N Group
16. CAN Module
REJ09B0007-0100Z
Figure 16.7 C0CTLR Register
16.4.2 C0CTLR Register
Figures 16.7 shows the C0CTLR register.
Reset
CAN module
reset bit
(Note 2)
LoopBack
Loop back mode
select bit
(Note 3)
MsgOrder
Message order
select bit
(Note 3)
BasicCAN
Basic CAN mode
select bit
(Note 3)
BusErrEn
Bus error interrupt
enable bit
(Note 3)
Sleep
Sleep mode
select bit (Note 3, 4)
PortEn
CAN port enable bit
-
(b7)
CAN0 control register
Symbol
Address
After reset
Symbol
Address
After reset
C0CTLR
X00000012
023016
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
(b15)
(b8)
RW
RW
RW
RW
RW
RW
RW
RW
-
0 : Operation mode
1 : Reset/initialization mode
0 : Word access
1 : Byte access
0 : Normal operation mode
1 : Basic CAN mode
0 : Normal operation mode
1 : Loop back mode
0 : Bus error interrupt disabled
1 : Bus error interrupt enabled
0 : Sleep mode disabled
1 : Sleep mode enabled; clock supply stopped
0 : I/O port function
1 : CTx/CRx function (Note 1)
Bit symbol
Bit name
Function
Bit symbol
Bit name
Function
Bit1, Bit0
TSReset
RXOnly
RetBusOff
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
XX0X00002
C0CTLR
023116
b1 b0
RW
RW
RW
RW
-
RW
-
0 0 : Period of 1 bit time
0 1 : Period of 1/2 bit time
1 0 : Period of 1/4 bit time
1 1 : Period of 1/8 bit time
0 : Normal operation mode
1 : Force reset of the time stamp counter
0 : Normal operation mode
1 : Listen-only mode (Note 4)
0 : Normal operation mode
1 : Force return from bus off
Time stamp
prescaler (Note 3)
Time stamp counter
reset bit
(Note 1)
Return from bus off
command bit
(Note 2)
Listen-only mode
select bit (Note 3)
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
-
(b4)
-
(b7-b6)
Note 1: Irrespective of setting of PD0 and PD5 registers.
Note 2: When the Reset bit is set to "1" (CAN reset/initialization mode), check that the State_Reset bit of the C0STR register is set to "1" (Reset
mode).
Note 3: Set these bits only in CAN reset/initialization mode.
Note 4: When using CAN0 wake up interrupt, set this bit to "1" (Sleep mode disabled).
Note 1: When the TSReset bit = 1, the C0TSR register is set to "000016". After this, the bit is automatically set to "0".
Note 2: When the RetBusOff bit = 1, the C0RECR register and the C0TECR register are set to "0016". After this, the bit is automatically set to "0".
Note 3: Set these bits only in CAN reset/initialization mode.
Note 4: When listen-only mode is selected, do not request a transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com