Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 149Page - Renesas Technology Corp M16C/1N Datasheet HTML 150Page - Renesas Technology Corp M16C/1N Datasheet HTML 151Page - Renesas Technology Corp M16C/1N Datasheet HTML 152Page - Renesas Technology Corp M16C/1N Datasheet HTML 153Page - Renesas Technology Corp M16C/1N Datasheet HTML 154Page - Renesas Technology Corp M16C/1N Datasheet HTML 155Page - Renesas Technology Corp M16C/1N Datasheet HTML 156Page - Renesas Technology Corp M16C/1N Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 141 of 222
M16C/1N Group
16. CAN Module
REJ09B0007-0100Z
Figure 16.12 C0CONR Register
16.4.7 C0CONR Register
Figure 16.12 shows the C0CONR register.
C0CONR
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
(b15)
(b8)
Bit symbol
Bit name
Function
Bit symbol
Bit name
Function
BRP
SAM
PTS
0 : One time sampling
1 : Three times sampling
0 0 0 0 : Divide-by-1 of fCAN
0 0 0 1 : Divide-by-2 of fCAN
0 0 1 0 : Divide-by-3 of fCAN
1 1 1 0 : Divide-by-15 of fCAN
1 1 1 1 : Divide-by-16 of fCAN
0 0 0 : 1Tq
0 0 1 : 2Tq
0 1 0 : 2Tq
1 1 0 : 7Tq
1 1 1 : 8Tq
RW
RW
RW
RW
PBS1
Phase buffer
segment 1
control bits
PBS2
Phase buffer
segment 2
control bits
SJW
Re synchronization
jump width
control bits
CAN0 configuration register
C0CONR
b3 b2 b1 b0
b7 b6 b5
b2 b1b0
b5 b4 b3
b7 b6
023A16
Note 1: fCAN serves for the CAN clock. The period is decided by configuration of the CCLKi bits (i = 4 to 6).
Symbol
Address
Symbol
Address
Sampling control
bit
Prescaler division
ratio select bits
Propagation time
segment control bits
RW
RW
RW
RW
023B16
0 0 0 : Inhibited
0 0 1 : 2Tq
0 1 0 : 3Tq
1 1 0 : 7Tq
1 1 1 : 8Tq
0 0 0 : Inhibited
0 0 1 : 2Tq
0 1 0 : 3Tq
1 1 0 : 7Tq
1 1 1 : 8Tq
0 0 : 1Tq
0 1 : 2Tq
1 0 : 3Tq
1 1 : 4Tq
After reset
After reset
Indeterminate
Indeterminate
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com