Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 152Page - Renesas Technology Corp M16C/1N Datasheet HTML 153Page - Renesas Technology Corp M16C/1N Datasheet HTML 154Page - Renesas Technology Corp M16C/1N Datasheet HTML 155Page - Renesas Technology Corp M16C/1N Datasheet HTML 156Page - Renesas Technology Corp M16C/1N Datasheet HTML 157Page - Renesas Technology Corp M16C/1N Datasheet HTML 158Page - Renesas Technology Corp M16C/1N Datasheet HTML 159Page - Renesas Technology Corp M16C/1N Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 144 of 222
M16C/1N Group
16. CAN Module
REJ09B0007-0100Z
16.5 Operational Modes
The CAN module has the following three operational modes.
• CAN Reset/Initialization Mode
• CAN Sleep Mode
• CAN Operation Mode
Figure 16.16 shows transition between operational modes.
Figure 16.16 Transition Between Operational Modes
16.5.1 CAN Reset/Initialization Mode
CAN reset/initialization mode is activated upon MCU reset or by setting the Reset bit of the C0CTLR
register. When setting the Reset bit to "1", check that the State_Reset bit of C0STR register is set to
"1". Entering CAN reset/initialization mode, the module initiates the following functions:
• Suspend all communication functions. When the CAN reset/initialization mode is activated during
an ongoing transmission in operation mode, the module suspends the mode transition until
completion of the transmission (successful, arbitration loss, or error detection) and then sets the
State_Reset bit.
• The C0IDR, C0MCTLi (i = 0 to 15), C0ICR, C0STR, C0RECR and C0TECR registers are initial-
ized. All these registers are locked to prevent CPU modification.
• The C0CTLR, C0CONR, C0GMR, C0LMAR and C0LMBR registers and the CAN0 message box
retain their contents and are available for CPU access.
MCU Reset
CAN
Reset/initialization
mode
(State_Reset = 1)
CAN
Operation mode
(State_Reset = 0)
CAN Sleep mode
Bus off state
(State_Bus off = 1)
Reset = 0
Reset = 1
Reset = 1
Reset, Sleep, RetBusOff : C0CTLR register’s bits
State_Reset, State_BusOFF : C0STR register’s bits
Sleep = 1
and
Reset = 0
Sleep = 0
and
Reset = 1
TEC > 255
When 11 consecutive
recessive bits are monitored
128 times on the bus or
RetBusOff = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com