Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 155Page - Renesas Technology Corp M16C/1N Datasheet HTML 156Page - Renesas Technology Corp M16C/1N Datasheet HTML 157Page - Renesas Technology Corp M16C/1N Datasheet HTML 158Page - Renesas Technology Corp M16C/1N Datasheet HTML 159Page - Renesas Technology Corp M16C/1N Datasheet HTML 160Page - Renesas Technology Corp M16C/1N Datasheet HTML 161Page - Renesas Technology Corp M16C/1N Datasheet HTML 162Page - Renesas Technology Corp M16C/1N Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 147 of 222
M16C/1N Group
16. CAN Module
REJ09B0007-0100Z
16.6.2 Baud Rate
Baud rate depends on XIN, the division value of the CAN module system clock, the division value of
the prescaler for baud rate, and the number of Tq of one bit.
Table 16.2 shows the examples of baud rate.
Table 16.2 Examples of Baud Rate
Calculation of Baud Rate
Note 1: fCAN division value = 1, 2, 4, 8, 16
fCAN division value: a value selected in the CCLKR register
Note 2: Division value of prescaler for baud rate = P + 1 (P: 0 to 15)
P: a value selected in the BRP bit of the C0CONR register
2 X fCAN division value (Note 1) X division value of prescaler for baud rate (Note 2) X number of Tq of one bit
XIN
Baud rate
16 MHz
10 MHz
8 MHz
1 Mbps
8Tq (1)
--
500 kbps
8Tq (2)
10Tq (1)
8Tq (1)
16Tq (1)
--
125 kbps
8Tq (8)
10Tq (4)
8Tq (4)
16Tq (4)
20Tq (2)
16Tq (2)
83.3 kbps
8Tq (12)
10Tq (6)
8Tq (6)
16Tq (6)
20Tq (3)
16Tq (3)
33.3 kbps
8Tq (30)
10Tq (15)
8Tq (15)
16Tq (15)
--
Note 1: The number in ( ) indicates a value of fCAN division value multiplied by division value of the prescaler
for baud rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com