Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 158Page - Renesas Technology Corp M16C/1N Datasheet HTML 159Page - Renesas Technology Corp M16C/1N Datasheet HTML 160Page - Renesas Technology Corp M16C/1N Datasheet HTML 161Page - Renesas Technology Corp M16C/1N Datasheet HTML 162Page - Renesas Technology Corp M16C/1N Datasheet HTML 163Page - Renesas Technology Corp M16C/1N Datasheet HTML 164Page - Renesas Technology Corp M16C/1N Datasheet HTML 165Page - Renesas Technology Corp M16C/1N Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 150 of 222
M16C/1N Group
16. CAN Module
REJ09B0007-0100Z
16.10 Return from Bus off Function
When the protocol controller enters bus off state, it is possible to make it forced return from bus off state
by the return from bus off function of the C0CTLR register. At this time, the error state changes from bus
off state to error active state. Implementation of this function initializes the protocol controller. However,
registers of the CAN module such as C0CONR register and the content of each slot are not initialized.
16.11 Listen-Only Mode
When the RXOnly bit of the C0CTLR register is set to "1", the module enters listen-only mode.
Listen-only mode is not allowed to have any influence on the bus. It shall not send any frames nor send
acknowledgement, error frames, overload frames. When setting the CAN module to Listen-only mode, do
not request a transmission.
16.9 Basic CAN Mode
When the BasicCAN bit in the C0CTLR register is set to "1", slots 14 and 15 correspond to Basic CAN
mode. In normal operation mode, each slot can handle only one type message at a time, either a data
frame or a remote frame by setting C0MCTLi register (i = 0 to 15). However, in Basic CAN mode, slots 14
and 15 can receive both types of message at the same time.
When slots 14 and 15 are defined as reception slots in Basic CAN mode, received messages are stored
in slots 14 and 15 alternately.
Which type of message has been received can be checked by the RemActive bit in the C0MCTLi register.
Figure 16.23 shows the operation of slots 14 and 15 in Basic CAN mode.
Figure 16.23 Operation of Slots 14 and 15 in Basic CAN Mode
When using Basic CAN mode, note the following points.
(1) Setting of Basic CAN mode has to be done in CAN reset/initialization mode.
(2) Select the same ID for slots 14 and 15. Also, setting of the C0LMAR and C0LMBR registers has to
be the same.
(3) Define slots 14 and 15 as reception slot only.
(4) There is no protection available against message overwrite. A message can be overwritten by a
new message.
(5) Slots 0 to 13 can be used in the same way as in normal CAN operation mode.
Slot 14
Slot 15
Msg. n
Msg. n+2
Msg. n+1
Empty
Locked (empty)
Locked (empty)
Msg. n
Locked (Msg. n)
Msg. n + 1
Msg. n+2 (Msg. n lost)
Locked (Msg. n+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com