Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 159Page - Renesas Technology Corp M16C/1N Datasheet HTML 160Page - Renesas Technology Corp M16C/1N Datasheet HTML 161Page - Renesas Technology Corp M16C/1N Datasheet HTML 162Page - Renesas Technology Corp M16C/1N Datasheet HTML 163Page - Renesas Technology Corp M16C/1N Datasheet HTML 164Page - Renesas Technology Corp M16C/1N Datasheet HTML 165Page - Renesas Technology Corp M16C/1N Datasheet HTML 166Page - Renesas Technology Corp M16C/1N Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 151 of 222
M16C/1N Group
16. CAN Module
REJ09B0007-0100Z
16.12 Reception and Transmission
Configuration of CAN Reception and Transmission Mode
Table 16.3 shows configuration of CAN reception and transmission mode.
Table 16.3 Configuration of CAN Reception and Transmission Mode
When configuring a slot as a reception slot, note the following points.
(1) Before configuring a slot as a reception slot, be sure to set the C0MCTLi registers (i = 0 to 15) to
"0016".
(2) A received message is stored in a slot that matches the condition first according to the result of
reception mode configuration and acceptance filtering operation. Upon deciding in which slot to
store, the smaller the number of the slot is, the higher priority it has.
(3) In normal CAN operation mode, when a CAN module transmits a message of which ID matches,
the CAN module never receives the transmitted data. In loop back mode, however, the CAN mod-
ule receives back the transmitted data. In this case, the module does not return ACK.
When configuring a slot as a transmission slot, note the following points.
(1) Before configuring a slot as a transmission slot, be sure to set the C0MCTLi registers to "0016".
(2) Set the TrmReq bit to "0" (not transmission slot) before rewriting a transmission slot.
(3) A transmission slot should not be rewritten when the TrmActive bit is "1" (transmitting). If it is
rewritten, an indeterminate data will be transmitted.
TrmReq
00
Communication environment configuration mode: configure the commu-
nication mode of the slot.
RecReq
Remote
RspLock
Communication mode of the slot
0
100
Configured as a reception slot for a data frame.
1
010
Configured as a transmission slot for a remote frame. (At this time the
RemActive bit is "1".)
After completion of transmission, this functions as a reception slot for a
data frame. (At this time the RemActive bit is "0".)
However, when an ID that matches on the CAN bus is detected before
remote frame transmission, this immediately functions as a reception
slot for a data frame.
1
000
Configured as a transmission slot for a data frame.
01
1
1/0
Configured as a reception slot for a remote frame. (At this time the
RemActive bit is "1".)
After completion of reception, this functions as a transmission slot for a
data frame. (At this time the RemActive bit is "0".)
However, transmission does not start as long as RspLock bit remains "1";
thus no automatic remote frame response.
Response (transmission) starts when RspLock bit is set to "0".
TrmReq, RecReq, Remote, RspLock, RemActive, RspLock: C0MCTLi register’s bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com