Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 163Page - Renesas Technology Corp M16C/1N Datasheet HTML 164Page - Renesas Technology Corp M16C/1N Datasheet HTML 165Page - Renesas Technology Corp M16C/1N Datasheet HTML 166Page - Renesas Technology Corp M16C/1N Datasheet HTML 167Page - Renesas Technology Corp M16C/1N Datasheet HTML 168Page - Renesas Technology Corp M16C/1N Datasheet HTML 169Page - Renesas Technology Corp M16C/1N Datasheet HTML 170Page - Renesas Technology Corp M16C/1N Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 155 of 222
M16C/1N Group
17. Programmable I/O Ports
REJ09B0007-0100Z
17. Programmable I/O Ports
17.1 Description
There are 37 programmable I/O ports: P0 to P5. Each port can be set independently for input or output
using the direction register. A pull-up resistance for each block of 4 ports can be set. The port P1 allows
the drive capacity of its N-channel output transistor to be set as necessary. The port P1 can be used as
LED drive port if the drive capacity is set to "HIGH".
Figures 17.1 to 17.4 show the programmable I/O ports.
Each pin functions as a programmable I/O port and as the I/O for the built-in peripheral devices.
To use the pins as the inputs for the built-in peripheral devices, set the direction register of each pin to
input mode. When the pins are used as the outputs for the built-in peripheral devices (other than the D/A
converter), they function as outputs regardless of the contents of the direction registers. When a pin is to
be used as the output for the D/A converter, do not set the direction register to output mode. See the
descriptions of the respective functions for how to set up the built-in peripheral devices.
17.1.1 Direction registers
Figure 17.5 shows the direction registers.
These registers are used to choose the direction of the programmable I/O ports. Each bit in these
registers corresponds one for one to each I/O pin.
17.1.2 Port registers
Figure 17.6 shows the port registers.
These registers are used to write and read data for input and output to and from an external device. A
port register consists of a port latch to hold output data and a circuit to read the status of a pin. Each bit
in port registers corresponds one for one to each I/O pin.
17.1.3 Pull-up control registers
Figure 17.7 shows the pull-up control registers.
The pull-up control register can be set to apply a pull-up resistance to each block of 4 ports. When
ports are set to have a pull-up resistance, the pull-up resistance is connected only when the direction
register is set for input.
17.1.4 Port P1 drive capacity control register
Figure 17.7 shows a structure of the port P1 drive capacity control register.
This register is used to control the drive capacity of the port P1's N-channel output transistor. Each bit
in this register corresponds one for one to the port pins.
17.1.5 CAN0 I/O port selected register
Figure 17.8 shows the CAN0 I/O port selected register.
This register is used to select I/O port for CAN0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com