Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 160Page - Renesas Technology Corp M16C/1N Datasheet HTML 161Page - Renesas Technology Corp M16C/1N Datasheet HTML 162Page - Renesas Technology Corp M16C/1N Datasheet HTML 163Page - Renesas Technology Corp M16C/1N Datasheet HTML 164Page - Renesas Technology Corp M16C/1N Datasheet HTML 165Page - Renesas Technology Corp M16C/1N Datasheet HTML 166Page - Renesas Technology Corp M16C/1N Datasheet HTML 167Page - Renesas Technology Corp M16C/1N Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 152 of 222
M16C/1N Group
16. CAN Module
REJ09B0007-0100Z
16.12.1 Reception
Figure 16.24 shows the behavior of the module when receiving two consecutive CAN messages.
Figure 16.24 Timing of Receive Data Frame Sequence
(1) On monitoring a SOF on the bus the RecState bit becomes active immediately, given the module
has no transmission pending (see section "16.12.2 Transmission" below).
(2) After successful reception of the message the NewData bit of the receiving slot becomes active.
The InvalData bit becomes active at the same time and becomes inactive again after the complete
message was transferred to the slot.
(3) When the bit in the C0ICR register of the receiving slot is active the receive successful interrupt is
requested and the C0STR register changes. It shows the slot number where the message was
stored and the RecSucc bit is active.
(4) Read the message out of the slot after setting the New Data bit to “0” by a program.
(5) If the NewData bit is set to "0" by a program or the next CAN message is received successfully
before the reception request for the slot is canceled, the MsgLost bit is set to "1". The new received
message is transferred to the slot. The interrupt request and the C0STR register change like (3).
CANbus
RecReq
InvalData
Succ.Rec Int.
RecState
RecSucc
MBOX
NewData
SOF
ACK
ACK
EOF
EOF
IFS
IFS
SOF
Receive slot No.
MsgLost
(1)
(2)
(2)
(3)
(4)
(5)
(5)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com