Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 154Page - Renesas Technology Corp M16C/1N Datasheet HTML 155Page - Renesas Technology Corp M16C/1N Datasheet HTML 156Page - Renesas Technology Corp M16C/1N Datasheet HTML 157Page - Renesas Technology Corp M16C/1N Datasheet HTML 158Page - Renesas Technology Corp M16C/1N Datasheet HTML 159Page - Renesas Technology Corp M16C/1N Datasheet HTML 160Page - Renesas Technology Corp M16C/1N Datasheet HTML 161Page - Renesas Technology Corp M16C/1N Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 146 of 222
M16C/1N Group
16. CAN Module
REJ09B0007-0100Z
16.6 Configuration of the CAN Module System Clock
The M16C/1N group has a CAN module system clock select circuit.
Configuration of the CAN module system clock can be done through manipulating the CCLKR register
and the BRP bit of the C0CONR register.
For the CCLKR register, refer to clock generation circuit.
Figure 16.18 shows a block diagram of the clock generation circuit of the CAN module system.
Figure 16.18 Block Diagram of CAN Module System Clock Generation Circuit
16.6.1 Bit Timing Configuration
The bit time consists of the following four segments:
• Synchronization segment (SS)
This serves for monitoring a falling edge for synchronization.
• Propagation time segment (PTS)
This segment absorbs physical delay on the CAN network which amounts to double the total sum
of delay on the CAN bus, the input comparator delay, and the output driver delay.
• Phase buffer segment 1 (PBS1)
This serves for compensating the phase error. When the falling edge of the bit falls later than
expected, the segment can become longer by the maximum of the value defined in SJW.
• Phase buffer segment 2 (PBS2)
This segment has the same function as the phase buffer segment 1. When the falling edge of the
bit falls earlier than expected, the segment can become shorter by the maximum of the value
defined in SJW.
Figure 16.19 shows the bit timing.
Figure 16.19 Bit Timing
1/2
Divide-by-1 of XIN (undivided)
Divide-by-2 of XIN
Divide-by-4 of XIN
Divide-by-8 of XIN
Divide-by-16 of XIN
Prescaler
CAN module
Prescaler
for baud rate
Division by (P + 1)
fCAN
fCANCLK
fCAN:
CAN module system clock
P:
The value written in the BRP bit of the C0CONR register. P = 0 to 15
fCANCLK: CAN communication clock
fCANCLK = fCAN/2(P + 1)
f1
Divider
CCLKR register
Value: 1, 2, 4, 8, 16
The range of each segment: Bit time = 8 to 25Tq
SS = 1Tq
PTS = 1Tq to 8Tq
PBS1 = 2Tq to 8Tq
PBS2 = 2Tq to 8Tq
SJW = 1Tq to 4Tq
Configuration of PBS1 and PBS2: PBS1 ≥ PBS2
PBS1 ≥ SJW
PBS2 ≥ 2 when SJW = 1
PBS2 ≥ SJW when 2 ≤ SJW ≤ 4
Bit time
SS
PTS
PBS1
SJW
Sampling point
PBS2
SJW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com