Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 146Page - Renesas Technology Corp M16C/1N Datasheet HTML 147Page - Renesas Technology Corp M16C/1N Datasheet HTML 148Page - Renesas Technology Corp M16C/1N Datasheet HTML 149Page - Renesas Technology Corp M16C/1N Datasheet HTML 150Page - Renesas Technology Corp M16C/1N Datasheet HTML 151Page - Renesas Technology Corp M16C/1N Datasheet HTML 152Page - Renesas Technology Corp M16C/1N Datasheet HTML 153Page - Renesas Technology Corp M16C/1N Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 138 of 222
M16C/1N Group
16. CAN Module
REJ09B0007-0100Z
Figure 16.8 C0STR Register
16.4.3 C0STR Register
Figure 16.8 shows the C0STR register.
State_Reset
Reset state flag
State_
LoopBack
Loop back state flag
State_
MsgOrder
Message order
state flag
State_
BasicCAN
Basic CAN mode
state flag
State_
BusError
Bus error
state flag
State_
ErrPass
Error passive
state flag
State_
BusOff
-
(b7)
Error bus off
state flag
0 : Operation mode
1 : Reset mode
0 : Word access
1 : Byte access
0 : Normal operation mode
1 : Basic CAN mode
0 : No error has occurred.
1 : A CAN bus error has occurred.
0 : Normal operation mode
1 : Loop back mode
0 : The CAN module is not in error passive state.
1 : The CAN module is in error passive state.
0 : The CAN module is not in error bus off state.
1 : The CAN module is in error bus off state.
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RO
RO
RO
RO
RO
RO
RO
-
C0STR
023316
X00000012
After reset
CAN0 status register (Note 1)
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
(b15)
(b8)
Bit symbol
Bit name
Function
MBox
Active slot bits
(Note 2)
b3 b2 b1 b0
RW
Bit symbol
Bit name
Function
RW
RO
RO
RO
RO
RO
Successful
reception flag
Transmission flag
(Transmitter)
Reception flag
(Receiver)
0 0 0 0 : Slot 0
0 0 0 1 : Slot 1
0 0 1 0 : Slot 2
..
.
1 1 1 0 : Slot 14
1 1 1 1 : Slot 15
0 : No [successful] reception
1 : CAN module received a message successfully.
0 : CAN module is idle or receiver.
1 : CAN module is transmitter.
0 : CAN module is idle or transmitter.
1 : CAN module is receiver.
TrmSucc
Successful
transmission flag
RecSucc
TrmState
RecState
Symbol
Address
After reset
Symbol
Address
C0STR
023216
0016
Note 1: These bits can not be set in CAN reset/initialization mode of the CAN module.
Note 2: These bits change when a slot enabled interrupt has transmitted or received successfully.
0 : No [successful] transmission
1 : The CAN module has transmitted a message
successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com