Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 168Page - Renesas Technology Corp M16C/1N Datasheet HTML 169Page - Renesas Technology Corp M16C/1N Datasheet HTML 170Page - Renesas Technology Corp M16C/1N Datasheet HTML 171Page - Renesas Technology Corp M16C/1N Datasheet HTML 172Page - Renesas Technology Corp M16C/1N Datasheet HTML 173Page - Renesas Technology Corp M16C/1N Datasheet HTML 174Page - Renesas Technology Corp M16C/1N Datasheet HTML 175Page - Renesas Technology Corp M16C/1N Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 160 of 222
M16C/1N Group
17. Programmable I/O Ports
REJ09B0007-0100Z
RW
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5 b4
b3
b2
b1
b0
Port Pi direction register (Note 1, 2, 3)
Symbol
PDi (i = 0 to 5)
00E216, 00E316
00E616
00E716, 00EA16
00EB16
Address
When reset
0016
XXXXXX002
0016
XXXXX0002
PDi_0
Port Pi0 direction register
PDi_1
Port Pi1 direction register
PDi_2
Port Pi2 direction register
PDi_3
Port Pi3 direction register
PDi_4
Port Pi4 direction register
PDi_5
Port Pi5 direction register
PDi_6
Port Pi6 direction register
PDi_7
Port Pi7 direction register
Function
Bit name
Bit symbol
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
(i = 0 to 5)
Note 1: Set bit 2 of protect register (address 000A16) to "1" before rewriting to the port P0 direction register.
Note 2: Nothing is assigned in bit 2 to bit 7 of port P2 direction register. When write, set "0". When read, their
contents are "0".
Note 3: Nothing is assigned in bit 3 to bit 7 of port P5 direction register.
When write, set "0".
When read, their contents are "0".
Figure 17.5 Port Pi direction register
Note 1: Nothing is assigned in bit 2 to bit 7 of port P2 register.
When write, set "0".
When read, their contents are "0".
Note 2: Nothing is assigned in bit 3 to bit 7 of port P5 register.
When write, set "0".
When read, their contents are "0".
RW
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5 b4
b3
b2
b1
b0
Port Pi register (Note 1, 2)
Symbol
Pi (i = 0 to 5)
Address
00E016, 00E116, 00E416,
00E516, 00E816, 00E916
When reset
Indeterminate
Indeterminate
Function
Bit name
Bit symbol
Pi_0
Port Pi0 register
Pi_1
Port Pi1 register
Pi_2
Port Pi2 register
Pi_3
Port Pi3 register
Pi_4
Port Pi4 register
Pi_5
Port Pi5 register
Pi_6
Port Pi6 register
Pi_7
Port Pi7 register
Data is input and output to and from
each pin by reading and writing to and
from each corresponding bit
0 : "L" level data
1 : "H" level data
(i = 0 to 5)
Figure 17.6 Port Pi register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com