Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 169Page - Renesas Technology Corp M16C/1N Datasheet HTML 170Page - Renesas Technology Corp M16C/1N Datasheet HTML 171Page - Renesas Technology Corp M16C/1N Datasheet HTML 172Page - Renesas Technology Corp M16C/1N Datasheet HTML 173Page - Renesas Technology Corp M16C/1N Datasheet HTML 174Page - Renesas Technology Corp M16C/1N Datasheet HTML 175Page - Renesas Technology Corp M16C/1N Datasheet HTML 176Page - Renesas Technology Corp M16C/1N Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 161 of 222
M16C/1N Group
17. Programmable I/O Ports
REJ09B0007-0100Z
b7
b6
b5 b4
b3
b2
b1
b0
Pull-up control register 0
PU00
P00 to P03 pull-up
PU01
P04 to P07 pull-up
PU02
P10 to P13 pull-up
PU03
P14 to P17 pull-up
PU04
P20 to P21 pull-up
PU06
P30 to P33 pull-up
PU07
P34 to P37 pull-up
Symbol
PUR0
Address
00FC16
When reset
00X000002
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to
be indeterminate.
b7
b6
b5 b4
b3
b2
b1
b0
Pull-up control register 1
PU10
P40 to P43 pull-up
PU11
P44 to P47 pull-up
PU12
P50 to P52 pull-up
Symbol
PUR1
Address
00FD16
When reset
XXXXX0002
RW
RW
RW
RW
Function
Bit name
Bit symbol
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
Nothing is assigned.
In an attempt to write to these bits, write "0". The value, if read, turns out to
be indeterminate.
b7
b6
b5 b4
b3
b2
b1
b0
Port P1 drive capacity control register
DRR0
Port P10 drive capacity
DRR1
Port P11 drive capacity
DRR2
Port P12 drive capacity
DRR3
Port P13 drive capacity
DRR4
Port P14 drive capacity
DRR5
Port P15 drive capacity
DRR6
Port P16 drive capacity
DRR7
Port P17 drive capacity
Symbol
DRR
Address
00FE16
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
Bit name
Bit symbol
Set P1 N-channel output
transistor drive capacity
0 : LOW
1 : HIGH
Figure 17.7 Pull-up control register 0, Pull-up control register 1 and Port P1 drive capacity control
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com