Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 173Page - Renesas Technology Corp M16C/1N Datasheet HTML 174Page - Renesas Technology Corp M16C/1N Datasheet HTML 175Page - Renesas Technology Corp M16C/1N Datasheet HTML 176Page - Renesas Technology Corp M16C/1N Datasheet HTML 177Page - Renesas Technology Corp M16C/1N Datasheet HTML 178Page - Renesas Technology Corp M16C/1N Datasheet HTML 179Page - Renesas Technology Corp M16C/1N Datasheet HTML 180Page - Renesas Technology Corp M16C/1N Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 165 of 222
M16C/1N Group
18. Electrical Characteristics
REJ09B0007-0100Z
4.2
5.5
Vcc
5.0
V
0
Vss
0.8Vcc
V
V
Vcc
0.2Vcc
0
- 10.0
5.0
MHz
mA
16
kHz
50
32.768
V
Vcc=4.2V to 5.5V
VIH
VIL
mA
10.0
mA
HIGH POWER
LOW POWER
5.0
0
Typ.
Max.
Unit
Parameter
Symbol
Min
Standard
Supply voltage
Supply voltage
LOW input
voltage
HIGH input
voltage
- 5.0
mA
HIGH average
output current
HIGH peak
output current
10.0
mA
LOW peak
output current
Main clock input oscillation frequency (Note 3)
LOW average
output current
Subclock oscillation frequency
mA
20.0
10.0
HIGH POWER
LOW POWER
IOH (peak)
IOL (peak)
IOL (avg)
f (XIN)
f (XcIN)
IOH (avg)
P10 to P17
P10 to P17
P00 to P07, P20, P21, P30 to P37, P40 to P47, P50 to P52
P00 to P07, P20, P21, P30 to P37, P40 to P47, P50 to P52
P00 to P07, P10 to P17, P20, P21, P30 to P37, P40 to P47,
P50 to P52
P00 to P07, P10 to P17, P20, P21, P30 to P37, P40 to P47,
P50 to P52
P00 to P07, P10 to P17, P20, P21, P30 to P37, P40 to P47,
P50 to P52, XIN, RESET, CNVSS
P00 to P07, P10 to P17, P20, P21, P30 to P37, P40 to P47,
P50 to P52, XIN, RESET, CNVSS
Note 1: The average output current is an average value measured over 100ms.
Note 2: Keep output current as follows:
The sum of port P00 to P03, P13 to P17, P21, P34 to P37, P46, P47, P50 to P52 IOL (peak) is under 60
mA. The sum of port P00 to P03, P13 to P17, P21, P34 to P37, P46, P47, P50 to P52 IOH (peak) is
under 60 mA. The sum of port P04 to P07, P10 to P12, P20, P30 to P33, P40 to P45 IOL (peak) is under
60 mA. The sum of port P04 to P07, P10 to P12, P20, P30 to P33, P40 to P45 IOH (peak) is under 60
mA.
Note 3: Relationship between main clock oscillation frequency and supply voltage is shown as below.
Table 18.2 Recommended operating conditions
(Unless otherwise noted: VCC = 4.2V to 5.5V, Topr = -40 to 85oC)
0.0
16.0
5.5
4.2
Power supply voltage [V]
(Main clock: no division)
Main clock input oscillation frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com