Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 177Page - Renesas Technology Corp M16C/1N Datasheet HTML 178Page - Renesas Technology Corp M16C/1N Datasheet HTML 179Page - Renesas Technology Corp M16C/1N Datasheet HTML 180Page - Renesas Technology Corp M16C/1N Datasheet HTML 181Page - Renesas Technology Corp M16C/1N Datasheet HTML 182Page - Renesas Technology Corp M16C/1N Datasheet HTML 183Page - Renesas Technology Corp M16C/1N Datasheet HTML 184Page - Renesas Technology Corp M16C/1N Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 169 of 222
M16C/1N Group
18. Electrical Characteristics
REJ09B0007-0100Z
Bits
LSB
±3
10
RLADDER
tCONV
k
µs
µs
µs
V
VIA
VREF
V
0
2
10
VCC
VREF
40
3.3
2.8
tCONV
tSAMP
0.3
LSB
±3
±2
LSB
Symbol
Standard
Typ.
Unit
Measuring condition
Min.
Max.
Parameter
Resolution
Absolute
accuracy
Ladder resistance
Conversion time(10bit)
Reference voltage
Analog input voltage
Conversion time(8bit)
Sampling time
Sample & hold function not available
Sample & hold function available(10bit)
Sample & hold function available(8bit)
±7
LSB
VREF =VCC
VREF =VCC = 5V
VREF =VCC = 5V
VREF =VCC = 5V
VREF =VCC
f(XIN)=10MHz,
ØAD=fAD=10MHz
f(XIN)=10MHz,
ØAD=fAD=10MHz
f(XIN)=10MHz,
ØAD=fAD=10MHz
f(XIN)=10MHz,
ØAD=fAD=10MHz
f(XIN)=10MHz,
ØAD=fAD=10MHz
AN0 to AN11 input
ANEX0, ANEX1 input,
external op-amp
connected mode
Note 1: Divide the fAD if f(XIN) exceeds 10MHz, and make AD operation clock frequency (ØAD) equal to or
lower than 10MHz.
Min.
Typ.
Max.
tsu
RO
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
Bits
%
k
mA
IVREF
1.0
1.5
8
3
Symbol
Parameter
Measuring condition
Unit
20
10
4
µs
(Note 1)
Standard
Note 1: The A/D converter's ladder resistance is not included.
When D/A register contents are not "0016", the current IVREF always flows even though VREF may
have been set to be unconnected by the A/D control register.
Table 18.7 A/D conversion characteristics
(Unless otherwise noted: VCC = VREF = 5V, VSS = 0V at Topr = 25oC, f(XIN) = 16MHz)
Table 18.8 D/A conversion characteristics
(Unless otherwise noted: VCC = VREF = 5V, VSS = 0V at Topr = 25oC, f(XIN) = 16MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com