Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 181Page - Renesas Technology Corp M16C/1N Datasheet HTML 182Page - Renesas Technology Corp M16C/1N Datasheet HTML 183Page - Renesas Technology Corp M16C/1N Datasheet HTML 184Page - Renesas Technology Corp M16C/1N Datasheet HTML 185Page - Renesas Technology Corp M16C/1N Datasheet HTML 186Page - Renesas Technology Corp M16C/1N Datasheet HTML 187Page - Renesas Technology Corp M16C/1N Datasheet HTML 188Page - Renesas Technology Corp M16C/1N Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 173 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Table 19.1 Outline performance of flash memory version
19. Flash Memory Version
19.1 Overview
The flash memory version has four modes—CPU rewrite, standard serial input/output (hereinafter re-
ferred to as standard serial I/O), parallel input/output (hereinafter referred to as parallel I/O), and CAN
input/output (hereinafter referred to as CAN I/O) modes—in which its internal flash memory can be oper-
ated on.
Table 19.1 shows the outline performance of flash memory version and Table 19.2 shows the outline of
flash memory rewrite mode. (see Table 1.1 Performance outline for the items not listed in Table 19.1).
Item
Flash memory operation mode
Erase block division
Program method
Erase method
Program, erase control method
Protect method
Number of commands
Program, erase
count
Block 0 to 3
Block A and B
(Data area)
ROM code protect
Performance
Four modes (CPU rewrite, parallel I/O, standard serial I/O and CAN I/O)
See Figure 19.1 Outline performance of flash memory version
In units of word, in units of byte (Note 1)
Block erase
Program and erase controlled by software command
Block 0 and 1 are protected by register rewrite (FMR02)
Block 0 to 3 are protected by register rewrite enable bit (FMR16)
5 commands
100 times
100 times
Parallel I/O, standard serial I/O and CAN I/O modes are supported
Note 1: Can be programmed in byte units in only parallel I/O mode.
Data retention
10 years
Table 19.2 Outline of flash memory rewrite mode
The user ROM area is
rewritten by executing
software
commands
from the CPU.
EW0 mode:
Can be rewritten in
any area other than
the flash memory
EW1 mode:
Can be rewritten in
the flash memory
User ROM area
Single chip mode
None
The user ROM area is
rewritten by using a
dedicated serial pro-
grammer.
Standard serial I/O mode 1:
Clock sync. serial I/O
Standard serial I/O mode 2
(Note 1): UART
User ROM area
Boot mode
Serial programmer
The user ROM area is
rewritten by using a
dedicated parallel pro-
grammer.
User ROM area,
Boot ROM area
Parallel I/O mode
Parallel programmer
The user ROM area is
rewritten by using a
dedicated CAN pro-
grammer.
User ROM area
Boot mode
CAN programmer
Function
Areas which
can be rewritten
Operation
mode
ROM
programmer
Flash memory
rewrite mode
CPU rewrite mode
Standard serial I/O
mode
Parallel I/O mode
CAN I/O mode
Note 1: When using the standard serial I/O mode 2, make sure a main clock input oscillation frequency is
set to 10 or 16 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com