Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 178Page - Renesas Technology Corp M16C/1N Datasheet HTML 179Page - Renesas Technology Corp M16C/1N Datasheet HTML 180Page - Renesas Technology Corp M16C/1N Datasheet HTML 181Page - Renesas Technology Corp M16C/1N Datasheet HTML 182Page - Renesas Technology Corp M16C/1N Datasheet HTML 183Page - Renesas Technology Corp M16C/1N Datasheet HTML 184Page - Renesas Technology Corp M16C/1N Datasheet HTML 185Page - Renesas Technology Corp M16C/1N Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 170 of 222
M16C/1N Group
18. Electrical Characteristics
REJ09B0007-0100Z
18.1 Timing requirements
(Unless otherwise noted: VCC = 5V, VSS = 0V at Topr = -40 to 85oC)
Table 18.9 XIN input
ns
ns
ns
tc(CNTR0)
twH(CNTR0)
twL(CNTR0)
100
40
40
CNTR0 input LOW pulse width
CNTR0 input HIGH pulse width
Parameter
Symbol
CNTR0 input cycle time
Standard
Unit
Min.
Max.
ns
ns
ns
tc(XIN)
twH(XIN)
twL(XIN)
62.5
30
30
XIN input LOW pulse width
XIN input HIGH pulse width
Parameter
Symbol
XIN input cycle time
Standard
Unit
Min.
Max.
ns
ns
ns
tc(TCIN)
twH(TCIN)
twL(TCIN)
400(Note 1)
200(Note 2)
200(Note 2)
TCIN input LOW pulse width
TCIN input HIGH pulse width
Parameter
Symbol
TCIN input cycle time
Standard
Unit
Min.
Max.
Table 18.10 CNTR0 input
Table 18.11 TCIN input
ns
ns
tw(INH)
tw(INL)
250(Note 1)
250(Note 2)
INTi input LOW pulse width
Parameter
Symbol
INTi input HIGH pulse width
Standard
Unit
Min.
Max.
ns
ns
ns
tc(CK)
tw(CKH)
tw(CKL)
200
100
100
CLKi input LOW pulse width
CLKi input HIGH pulse width
ns
ns
td(C-Q)
th(C-Q)
80
0
30
90
TxDi hold time
TxDi output delay time
ns
ns
tsu(D-C)
th(C-D)
RxDi input hold time
RxDi input setup time
Parameter
Symbol
CLKi input cycle time
Standard
Unit
Min.
Max.
Table 18.12 Serial I/O
_______
Table 18.13 External interrupt INTi input
Note 1: Use the greater value, either (1/digital filter clock frequency X 6) or min. value.
Note 2: Use the greater value, either (1/digital filter clock frequency X 3) or min. value.
_______
_______
Note 1: When the INT0 input filter select bit selects the digital filter, use the INT0 input HIGH pulse width
to the greater value, either (1/digital filter clock frequency X 3) or min. value.
_______
_______
Note 2: When the INT0 input filter select bit selects the digital filter, use the INT0 input LOW pulse width to
the greater value, either (1/digital filter clock frequency X 3) or min. value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com