Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 182Page - Renesas Technology Corp M16C/1N Datasheet HTML 183Page - Renesas Technology Corp M16C/1N Datasheet HTML 184Page - Renesas Technology Corp M16C/1N Datasheet HTML 185Page - Renesas Technology Corp M16C/1N Datasheet HTML 186Page - Renesas Technology Corp M16C/1N Datasheet HTML 187Page - Renesas Technology Corp M16C/1N Datasheet HTML 188Page - Renesas Technology Corp M16C/1N Datasheet HTML 189Page - Renesas Technology Corp M16C/1N Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 174 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
19.2 Flash Memory
The ROM in the flash memory version is separated between a user ROM area and a boot ROM area.
Figure 19.1 shows the block diagram of flash memory. The user ROM area has 2K-byte block A and B, in
addition to the area that stores a program for microcomputer operation during singe-chip mode.
The user ROM area is divided into several blocks. The user ROM area can be rewritten in all of CPU
rewrite, standard serial I/O, parallel I/O and CAN I/O modes. Block 0 and 1 can be rewritten by setting
FMR0 register's FMR02 bit to "1" and the FMR1 register's FMR16 bit to "1" in CPU rewrite mode only.
Block 2 and 3 can be rewriting by setting the FMR 1 register's FMR 16 bit to "1". Block A and B are
enabled for use by setting the PM1 register's PM10 bit to "1".
The boot ROM area is reserved area. A rewrite control program for standard serial I/O and CAN I/O
modes is written into the boot ROM area when the device is shipped from the factory. The boot ROM area
can be rewritten in parallel I/O mode.
Figure 19.1 Block diagram of flash memory
4K bytes (Note 4)
0FFFFF16
Boot ROM area (Reserved area)
0F000016
Block 0 : 8K bytes (Note 3)
Block 1 : 8K bytes (Note 3)
00FFFF16
Block A : 2K bytes (Note 2)
0FFFFF16
00F00016
0FF00016
User ROM area (Note 1)
Data ROM area
Block B : 2K bytes (Note 2)
Block 3 : 32K bytes (Note 5)
Block 2 : 16K bytes (Note 5)
0F7FFF16
0F800016
0FBFFF16
0FC00016
0FDFFF16
0FE00016
Note 1: To specify a block, use an even address in that block.
Note 2: Block A and B can be mode usable by setting the PM1 register’s PM10 bit to "1".
Note 3: Block 0 and 1 can be rewritten by setting FMR0 register’s FMR02 bit to "1" and the FMR
1 register’s FMR16 bit to "1" in CPU rewrite mode only. Block 2 and 3 can be rewriting
by setting the FMR1 register’s FMR16 bit to "1".
Note 4: The boot ROM area is reserved area. This area can be rewritten in parallel I/O mode.
Note 5: Block 2 and 3 can be rewriting by setting the FMR1 register’s FMR16 bit to "1" (in CPU
rewrite mode only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com