Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 183Page - Renesas Technology Corp M16C/1N Datasheet HTML 184Page - Renesas Technology Corp M16C/1N Datasheet HTML 185Page - Renesas Technology Corp M16C/1N Datasheet HTML 186Page - Renesas Technology Corp M16C/1N Datasheet HTML 187Page - Renesas Technology Corp M16C/1N Datasheet HTML 188Page - Renesas Technology Corp M16C/1N Datasheet HTML 189Page - Renesas Technology Corp M16C/1N Datasheet HTML 190Page - Renesas Technology Corp M16C/1N Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 175 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
19.3 Functions to Inhibit Rewriting Flash Memory Version
To prevent the flash memory from being read or rewritten easily, parallel I/O mode has a ROM code
protect and standard serial I/O and CAN I/O modes have an ID code check function.
19.3.1 ROM code protect function
The ROM code protect function inhibits the flash memory from being read or rewritten during parallel
I/O mode. Figure 19.2 shows the ROMCP register.
The ROMCP register is located in the user ROM area. The ROMCP1 bit consists of two bits. The ROM
code protect function is enabled by clearing one or both of two ROMCP1 bits to "0" when the ROMCR
bits are not '002,' with the flash memory thereby protected against reading or rewriting. Conversely,
when the ROMCR bits are '002' (ROM code protect removed), the flash memory can be read or
rewritten. Once the ROM code protect function is enabled, the ROMCR bits cannot be changed during
parallel I/O mode. Therefore, use standard serial I/O or other modes to rewrite the flash memory.
19.3.2 ID code check function
Use this function in standard serial I/O and CAN I/O modes. Unless the flash memory is blank, the ID
codes sent from the programmer and the ID codes written in the flash memory are compared to see if
they match. If the ID codes do not match, the commands sent from the programmer are not accepted.
The ID code consists of 8-bit data, the areas of which, beginning with the first byte, are 0FFFDF16,
0FFFE316, 0FFFEB16, 0FFFEF16, 0FFFF316, 0FFFF716, and 0FFFFB16. Prepare a program in which
the ID codes are preset at these addresses and write it in the flash memory.
Figure 19.3 shows ID code store addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com