Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 184Page - Renesas Technology Corp M16C/1N Datasheet HTML 185Page - Renesas Technology Corp M16C/1N Datasheet HTML 186Page - Renesas Technology Corp M16C/1N Datasheet HTML 187Page - Renesas Technology Corp M16C/1N Datasheet HTML 188Page - Renesas Technology Corp M16C/1N Datasheet HTML 189Page - Renesas Technology Corp M16C/1N Datasheet HTML 190Page - Renesas Technology Corp M16C/1N Datasheet HTML 191Page - Renesas Technology Corp M16C/1N Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 176 of 222
M16C/1N Group
19. Flash Memory Version
REJ09B0007-0100Z
Note 1: Once any of these bits is cleared to "0", it cannot be set back to "1". If a memory block that contains the
ROMCP register is erased, the ROMCP register is set to ’FF16’.
Note 2: If the ROMCR bits are set to ’002’ when the ROMCR bits are other than ’002’ and the ROMCP1 bits are oth-
er than ’112’, ROM code protect level 1 is removed. However, because the ROMCR bits cannot be modified
during parallel I/O mode, they need to be modified in standard serial I/O or other modes.
Note 3: If the ROMCR bits are set to other than ’002’ and the ROMCP1 bits are set to other than ’112’ (ROM code
protect enabled), the flash memory is disabled against reading and rewriting in parallel I/O mode.
Note 4: The ROMCP1 bits are effective when the ROMCR bits are ’012
’, ’102’, or ’112’.
Symbol
Address
Value when shipped
ROMCP
0FFFFF16
FF16 (Note 1)
ROM code protect control address
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Removes protect
0 1 :
1 0 :
1 1 :
0 0 :
0 1 :
1 0 :
1 1 : Protect disabled
ROM code protect reset bit
(Note 1, 2)
ROM code protect level
1 set bit (Note 1, 3, 4)
ROMCR
ROMCP1
b5 b4
b7 b6
1
1
Reserved bit
Set this bit to "1"
Enables ROMCP1 bit
}
Protect enabled
}
1
1
RW
RW
RW
RW
RW
RW
(b3-b0)
Reset vector
Watchdog timer vector
Single step vector
Address match vector
BRK instruction vector
Overflow vector
Undefined instruction vector
ID7
ID6
ID5
ID4
ID3
ID2
ID1
DBC vector
UART0 receive vector
0FFFFC16 to 0FFFFF16
0FFFF816 to 0FFFFB16
0FFFF416 to 0FFFF716
0FFFF016 to 0FFFF316
0FFFEC16 to 0FFFEF16
0FFFE816 to 0FFFEB16
0FFFE416 to 0FFFE716
0FFFE016 to 0FFFE316
0FFFDC16 to 0FFFDF16
4 bytes
Address
Figure 19.2 ROMCP register
Figure 19.3 ID code store addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com