Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 176Page - Renesas Technology Corp M16C/1N Datasheet HTML 177Page - Renesas Technology Corp M16C/1N Datasheet HTML 178Page - Renesas Technology Corp M16C/1N Datasheet HTML 179Page - Renesas Technology Corp M16C/1N Datasheet HTML 180Page - Renesas Technology Corp M16C/1N Datasheet HTML 181Page - Renesas Technology Corp M16C/1N Datasheet HTML 182Page - Renesas Technology Corp M16C/1N Datasheet HTML 183Page - Renesas Technology Corp M16C/1N Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 168 of 222
M16C/1N Group
18. Electrical Characteristics
REJ09B0007-0100Z
Table 18.6 Flash memory version electrical characteristics
(Unless otherwise noted: Vcc = 4.2 to 5.5 V, Topr= 0 to 60oC)
Block erasing time
2Kbyte block
8Kbyte block
µs
s
s
9
600
9
0.2
75
cycle
100 (Note 3)
year
10
0.4
16Kbyte block
s
9
0.7
32Kbyte block
s
9
1.2
Word programming time
Data retention
Erase/write cycle (Note 2)
td(SR-ES)
Erasure-suspend
request
(Interrupt request)
FMR46
Min.
Typ. (Note 1)
Max.
td(SR-ES)
-
-
-
-
ms
20
Symbol
Parameter
Unit
Standard
Transition time from erasure operation
to erase-suspend
Note1: Vcc=5.0V, Topr=25˚C
Note2: Definition of Programming and erasure times
The Programming and erasure times are defined to be per-block erasure times. For example a case where a 2K-
byte block is programmed in 1,024 operations by writing one word at a time and erased thereafter. Performing
multiple programs to the same address before an erase operation is prohibited.
Note 3: Minimum number of programming/erasure for which operation is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com