Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 174Page - Renesas Technology Corp M16C/1N Datasheet HTML 175Page - Renesas Technology Corp M16C/1N Datasheet HTML 176Page - Renesas Technology Corp M16C/1N Datasheet HTML 177Page - Renesas Technology Corp M16C/1N Datasheet HTML 178Page - Renesas Technology Corp M16C/1N Datasheet HTML 179Page - Renesas Technology Corp M16C/1N Datasheet HTML 180Page - Renesas Technology Corp M16C/1N Datasheet HTML 181Page - Renesas Technology Corp M16C/1N Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 166 of 222
M16C/1N Group
18. Electrical Characteristics
REJ09B0007-0100Z
VOH
VOH
VOH
VOL
VOL
VOL
V
4.7
V
2.0
3.0
IOH = - 5 mA
IOH = - 0.5 mA
IOH = - 1 mA
IOH = 0.5 mA
IOH = 1 mA
IOH = - 200
µA
IOL = 5 mA
IOL = 200
µA
0.45
V
3.0
3.0
HIGH output
voltage
LOW output
voltage
V
2.5
1.6
No load
No load
HIGH output
voltage
IIH
VRAM
VT+ -VT-
VT+ -VT-
0.2
0.8
V
0.2
1.8
V
5.0
When clock is stopped
2.0
V
RESET
VI = 5V
VI = 0V
VI = 0V
-5.0
IIL
V
2.0
2.0
k
Ω
167.0
50.0
30.0
Hysteresis
Hysteresis
HIGH input
current
LOW input
current
RAM retention voltage
LOW output
voltage
HIGH POWER
LOW POWER
HIGH POWER
LOW POWER
HIGH POWER
LOW POWER
VOL
IOL = 5 mA
IOL = 10 mA
V
2.0
2.0
LOW output
voltage
HIGH POWER
LOW POWER
ROSC
kHz
1200
600
300
Oscillation frequency of
On-chip oscillator
Mask ROM
Flash memory
HIGH POWER
LOW POWER
V
0
0
LOW output
voltage
RPULLUP Pull-up
resistor
M
Ω
1.0
RfXIN
XIN
Feedback
resistor
M
Ω
15.0
RfXCIN
XCIN
Feedback
resistor
µA
µA
No load
No load
HIGH output
voltage
P00 to P07,P10 to P17,P20 to P21,
P30 to P37,P40 to P47,P50 to P52
P00 to P07,P20,P21,P30 to P37,
P40 to P47,P50 to P52
XOUT
XCOUT
XOUT
XCOUT
P10 to P17
P00 to P07,P10 to P17,P20,P21,
P30 to P37,P40 to P47,P50 to P52
CNTR0,TCIN,
INT0 to INT3,CLK0,CLK1,P45
RxD0,RxD1,KI0 to KI3,CRX0
P00 to P07,P10 to P17,P20,P21,
P30 to P37,P40 to P47,P50 to P52,
XIN,RESET,CNVss
P00 to P07,P10 to P17,P20,P21,
P30 to P37,P40 to P47,P50 to P52,
XIN,RESET,CNVss
Symbol
Standard
Typ.
Unit
Measuring condition
Min.
Max.
Parameter
Table 18.3 Electrical characteristics (1)
(Unless otherwise noted: VCC = 5V, VSS = 0V at Topr = -40 to 85oC, f(XIN) = 16MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com