Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 171Page - Renesas Technology Corp M16C/1N Datasheet HTML 172Page - Renesas Technology Corp M16C/1N Datasheet HTML 173Page - Renesas Technology Corp M16C/1N Datasheet HTML 174Page - Renesas Technology Corp M16C/1N Datasheet HTML 175Page - Renesas Technology Corp M16C/1N Datasheet HTML 176Page - Renesas Technology Corp M16C/1N Datasheet HTML 177Page - Renesas Technology Corp M16C/1N Datasheet HTML 178Page - Renesas Technology Corp M16C/1N Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 163 of 222
M16C/1N Group
17. Programmable I/O Ports
REJ09B0007-0100Z
Pin name
Connection
Ports P0 to P5 (Note 1)
XOUT (Note 2)
VREF
After setting for input mode, connect every pin to VSS (pull-down); or
after setting for output mode, leave these pins open.
Open
XIN (Note 3)
Connect to VCC (pull-up) via a resistor
Connect to VSS
Note 1: Connect unused pins as described above. If connected otherwise, power supply current may
increase due to flow-through current on Schmitt circuit in the port.
Note 2: With external clock input to XIN pin.
Note 3: When the main clock oscillation circuit isn’t used, connect XIN pin to VCC (pull-up), leave XOUT pin
open and set the main clock stop bit (bit 5 at address 000616) to "1" (STOP).
Table 17.1 Example connection of unused pins
17.2 Example connection of unused pins
Table 17.1 shows example connection of unused pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com