Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 175Page - Renesas Technology Corp M16C/1N Datasheet HTML 176Page - Renesas Technology Corp M16C/1N Datasheet HTML 177Page - Renesas Technology Corp M16C/1N Datasheet HTML 178Page - Renesas Technology Corp M16C/1N Datasheet HTML 179Page - Renesas Technology Corp M16C/1N Datasheet HTML 180Page - Renesas Technology Corp M16C/1N Datasheet HTML 181Page - Renesas Technology Corp M16C/1N Datasheet HTML 182Page - Renesas Technology Corp M16C/1N Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 167 of 222
M16C/1N Group
18. Electrical Characteristics
REJ09B0007-0100Z
Table 18.4 Electrical characteristics (2)
(Unless otherwise noted: VCC = 5V, VSS = 0V at Topr = 25oC, f(XIN) = 16MHz)
Symbol
Standard
Typ.
Unit
Measuring condition
Min.
Max.
Parameter
Icc
3
22.0
24.0
mA
300
14.0
12.0
Power supply current
I/O pin
has no
load
µA
mA
Mask ROM
Flash memory
Mask ROM
Mask ROM
Mask ROM
60
f(XIN) = 16 MHz
Square wave, no division
On-chip oscillator mode
No division
800
Flash memory
On-chip oscillator mode
When a WAIT instruction
is executed
Flash memory
100
20
2
µA
µA
µA
µA
µA
µA
Mask ROM
Mask ROM
0.8
f(XCIN) = 32 kHz
Square wave
450
µA
Flash memory
f(XCIN) = 32 kHz
When a WAIT instruction
is executed
µA
Flash memory
2
0.8
f(XCIN) = 32 kHz
When a WAIT instruction
is executed
Topr = 25
˚C when clock
is stopped
3
µA
Flash memory
Table 18.5 Power supply timing circuit characteristics
td(R-S)
td(W-S)
Interrupt for
stop or wait mode
release
CPU clock
Min.
Typ.
Max.
td(W-S)
td(M-L)
td(P-R)
td(R-S)
Stop release time
VCC = 4.2 to 5.5 V
ms
µs
µs
150
2
150
Symbol
Parameter
Measuring condition
Unit
150
µs
Standard
Timer for internal power supply stabili-
zation during powering-on
Timer for internal power supply stabili-
zation when main clock oscillation starts
Wait release time during low power dis-
sipation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com