Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 213Page - Renesas Technology Corp M16C/1N Datasheet HTML 214Page - Renesas Technology Corp M16C/1N Datasheet HTML 215Page - Renesas Technology Corp M16C/1N Datasheet HTML 216Page - Renesas Technology Corp M16C/1N Datasheet HTML 217Page - Renesas Technology Corp M16C/1N Datasheet HTML 218Page - Renesas Technology Corp M16C/1N Datasheet HTML 219Page - Renesas Technology Corp M16C/1N Datasheet HTML 220Page - Renesas Technology Corp M16C/1N Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 205 of 222
M16C/1N Group
REJ090007-0100Z
20. Precautionary Notes in Using the Device
Example 1. When an interrupt is used to cancel wait mode
When canceling wait mode by a hardware reset and an INT0 interrupt.
Set the interrupt enable flag (I flag) to "0"
Change the INT0 interrupt priority level to 1 or higher
Change all other interrupt priority level to 0
Insert 4 NOPs instructions
Set the interrupt enable flag (I flag) to "1"
WAIT instruction
Insert 4 NOPs instructions
; Disable interrupt
; Enable INT0 interrupt
In case of processor interrupt priority level = 0
; Disable all other interrupts
; Prevent irregular interrupt occurring
; Enable interrupts
Example 2. When only hardware reset is used to cancel wait mode
Set the interrupt enable flag (I flag) to "0"
Change all interrupt priority level to 0
WAIT instruction
Insert 4 NOPs instructions
; Disable interrupt
; Disable maskable interrupt
; Put at least 4 NOPs after a wait instruction because
when switching to a wait mode, 4 instructions are
prefetched after the wait instruction.
; Put at least 4 NOPs after a wait instruction because
when switching to a wait mode, 4 instructions are
prefetched after the wait instruction.
20.1.3 Stop and Wait Modes
1.
____________
When returning from a stop mode by hardware reset, RESET pin must be "L" level until the main-
clock has stabilized.
2. When switching to a stop or wait mode, 4 instructions are prefetched after the stop or wait instruc-
tion. And so, ensure that at least 4 NOPs follow the stop (the all-clock stop bit to "1") or wait
instruction.
3. A Stop or wait mode is cancelled by a hardware reset or an interrupt. If an interrupt is to be used to
cancel a stop or wait mode, that interrupt must first have been enabled, and the priority level of the
interrupt which is not used to cancel must have been changed to 0 before shifting to either mode.
If only a hardware reset is used to cancel a stop or wait mode, change the priority level of all
interrupt to 0, then shift to either mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com