Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 214Page - Renesas Technology Corp M16C/1N Datasheet HTML 215Page - Renesas Technology Corp M16C/1N Datasheet HTML 216Page - Renesas Technology Corp M16C/1N Datasheet HTML 217Page - Renesas Technology Corp M16C/1N Datasheet HTML 218Page - Renesas Technology Corp M16C/1N Datasheet HTML 219Page - Renesas Technology Corp M16C/1N Datasheet HTML 220Page - Renesas Technology Corp M16C/1N Datasheet HTML 221Page - Renesas Technology Corp M16C/1N Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 206 of 222
M16C/1N Group
REJ090007-0100Z
20. Precautionary Notes in Using the Device
4. After returning from stop mode, an unexpected operation may occur (for example, undefined in-
struction interrupt, BRK instruction interrupt, etc.).
Execute a JMP.B instruction after an instruction to write data to the all clock stop control bit. A
program example is described as follows:
Code examples are shown below.
Example 1:
BSET 0,
CM1
; writing to the all clock stop control bit to "1" (stop mode)
JMP.B
L1
L1:
NOP
NOP
NOP
NOP
Example 2:
MOV.B:S
#21h, CM1 ; writing to the all clock stop control bit to "1" (stop mode)
JMP.B
L1
L1:
NOP
NOP
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com