Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 217Page - Renesas Technology Corp M16C/1N Datasheet HTML 218Page - Renesas Technology Corp M16C/1N Datasheet HTML 219Page - Renesas Technology Corp M16C/1N Datasheet HTML 220Page - Renesas Technology Corp M16C/1N Datasheet HTML 221Page - Renesas Technology Corp M16C/1N Datasheet HTML 222Page - Renesas Technology Corp M16C/1N Datasheet HTML 223Page - Renesas Technology Corp M16C/1N Datasheet HTML 224Page - Renesas Technology Corp M16C/1N Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 209 of 222
M16C/1N Group
REJ090007-0100Z
20. Precautionary Notes in Using the Device
20.3 Timer
20.3.1 Timer 1
1. Even if the prescaler 1 and Timer 1 are read out simultaneously in word-size, these registers are
read byte-by-byte in the microcomputer. Consequently, the timer value may be updated during the
period these two registers are being read.
20.3.2 Timers X, Y and Z
1. These timers stop counting after reset. Therefore, set values to Timer (X, Y, Z) and prescaler (X, Y,
Z) before starting counting.
2. Even if prescaler (X, Y, Z) and Timer (X, Y, Z) are read out simultaneously in word-size, these
registers are read byte-by-byte in the microcomputer. Consequently, the timer value may be up-
dated during the period these two registers are being read.
20.3.3 Timer X
1. Using in the timer X pulse period measurement mode, the effectual edge reception flag and the
timer X under flow flag are set to "0" by writing a "0" in a program. Writing a "1" has no effect. Write
"1" in the other flag by using the MOV instruction when you make the flag of either one side "0" by
program. (The clearance of the flag which isn't intend can be prevented.)
Example:
MOV.B
#10XXXXXXB,008BH
2. When changing to the timer X pulse period measurement mode from other mode, the contents of
the effectual edge reception flag and the timer X under flow flag are indetermind. Write "0" in the
effectual edge reception flag and the timer X under flow flag before starting the timer.
3. In the timer X pulse period measurement mode, use the MOV instruction to stop the timer.
Example:
MOV.B
#1100X00B,008BH
20.3.4 Timer Y
1. When count is stopped by writing "0" to the timer Y count start flag, the timer reloads the value of
reload register and stops. Therefore, the timer count value should be read out before the timer
stops.
2. When count is stopped by writing "0" to the timer Y count start flag, the timer Y interrupt request bit
becomes "1" and an interrupt may occur. Thus, disable interrupts before the timer stops. Further-
more, set the Timer Y interrupt request bit to "0" before starting counting again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com