Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 220Page - Renesas Technology Corp M16C/1N Datasheet HTML 221Page - Renesas Technology Corp M16C/1N Datasheet HTML 222Page - Renesas Technology Corp M16C/1N Datasheet HTML 223Page - Renesas Technology Corp M16C/1N Datasheet HTML 224Page - Renesas Technology Corp M16C/1N Datasheet HTML 225Page - Renesas Technology Corp M16C/1N Datasheet HTML 226Page - Renesas Technology Corp M16C/1N Datasheet HTML 227Page - Renesas Technology Corp M16C/1N Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 212 of 222
M16C/1N Group
REJ090007-0100Z
20. Precautionary Notes in Using the Device
20.5 A/D Converter
1. Only write to each bit (except bit 6) of the AD Control Register 0, or each bit of the AD Control
Register 1, or bit 0 of the AD Control Register 2 when AD conversion is stopped (before a trigger
occurs). When the VREF connection bit is changed from "0" to "1", wait 1 µs or longer before
starting AD conversion.
2. To prevent noise-induced device malfunction or latchup, as well as to reduce conversion errors,
insert capacitors between the VCC, VREF, and analog input pins (ANi) each and the VSS pin. Figure
20.1 shows an example connection of each pin.
3. Make sure the port direction bits for those pins that are used as analog inputs are set to "0" (input
mode).
4.
____
When setting the KIi input enable bit to "1" (Enabled) to use key input interrupt and using AN8 to
AN11 as analog input pins, be careful about the following points.
• A key input interrupt request is generated when the A/D input voltage goes "LOW".
• If the A/D input voltage approaches 1/2 VCC, power supply current may increase due to pass
____
current on schmitt circuit of key input interrupt. (When setting the KIi input enable bit to "0"
(Disabled), pass current doesn't flow.)
5. The ØAD frequency must be 10 MHz or less. Without sample-and-hold function, limit the ØAD
frequency to 250 kHz or more. With the sample and hold function, limit the ØAD frequency to 1 MHz
or more.
Figure 20.1 Example connection of each pin
Note 1: C1
≥0.47µF, C2≥0.47µF, C3≥100pF (reference).
Note 2: Use thick and shortest possible wiring to connect capacitors.
Microcomputer
VREF
VCC
C1
C2
C3
VSS
ANi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com