Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 224Page - Renesas Technology Corp M16C/1N Datasheet HTML 225Page - Renesas Technology Corp M16C/1N Datasheet HTML 226Page - Renesas Technology Corp M16C/1N Datasheet HTML 227Page - Renesas Technology Corp M16C/1N Datasheet HTML 228Page - Renesas Technology Corp M16C/1N Datasheet HTML 229Page - Renesas Technology Corp M16C/1N Datasheet HTML 230Page - Renesas Technology Corp M16C/1N Datasheet HTML 231Page - Renesas Technology Corp M16C/1N Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 216 of 222
M16C/1N Group
REJ090007-0100Z
20. Precautionary Notes in Using the Device
Figure 20.5 CAN Transceiver Connection
In case of PCA82C250 (Philips product)
Standby mode
high-speed mode
"H"
"L"
impossible
possible
Rs pin (Note 1)
CAN communication
connection
M16C/1N
PCA82C250
Switch OFF
CTX P02
Port (Note 2)
CANH
TXD
RS
CRX P03
CANL
RXD
M16C/1N
PCA82C250
Switch ON
CTX P02
Port (Note 2)
CANH
TXD
RS
CRX P03
CANL
RXD
In case of PCA82C252 (Philips product)
sleep mode
normal operation mode
"L"
"L"
"H"
"H"
impossible
possible
STB pin (Note 1)
EN pin (Note 1)
CAN communication
connection
MCU
PCA82C252
Switch OFF
CTX P02
Port (Note 2)
CANH
TXD
STB
CRX P03
CANL
RXD
MCU
PCA82C252
Switch ON
CTX P02
Port (Note 2)
CANH
TXD
Port (Note 2)
Port (Note 2)
EN
CRX P03
CANL
RXD
STB
EN
Note 1: The pin which controls the operation mode of CAN transceiver.
Note 2: Connect to enabled port to control CAN transceiver.
20.6.2 CAN Transceiver in Boot Mode
When programming the flash memory in boot mode via CAN bus, the operation mode of CAN
transceiver should be set to "high-speed mode" or "normal operation mode". If the operation mode
is controlled by the microcomputer, CAN transceiver must be set the operation mode to "high-
speed mode" or "normal operation mode" before programming the flash memory by changing the
switch etc. Figure 20.5 shows pin connections of CAN transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com