Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 225Page - Renesas Technology Corp M16C/1N Datasheet HTML 226Page - Renesas Technology Corp M16C/1N Datasheet HTML 227Page - Renesas Technology Corp M16C/1N Datasheet HTML 228Page - Renesas Technology Corp M16C/1N Datasheet HTML 229Page - Renesas Technology Corp M16C/1N Datasheet HTML 230Page - Renesas Technology Corp M16C/1N Datasheet HTML 231Page - Renesas Technology Corp M16C/1N Datasheet HTML 232Page - Renesas Technology Corp M16C/1N Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 217 of 222
M16C/1N Group
REJ090007-0100Z
20. Precautionary Notes in Using the Device
20.7 Noise
1. Bypass Capacitor between VCC and VSS Pins
Insert a bypass capacitor (at least 0.1 µF) between VCC and VSS pins as noise and latch-up
countermeasures. In addition, make sure that connecting lines are the shortest and widest pos-
sible.
2. Port Control Registers Data Read Error
During severe noise testing, mainly power supply system noise, and introduction of external noise,
the data of port related registers may changed. As a firmware countermeasure, it is recommended
to periodically re-set the port registers, port direction registers and pull-up control registers. How-
ever, you should fully examine before introducing the re-set routine as conflicts may be created
between this re-set routine and interrupt routines (i. e. ports are switched during interrupts).
3. CNVss pin wiring
CNVSS pin functions as a pin to change to shipment examination mode or flash memory rewrite
mode in the flash memory version.
In order to improve the pin tolerance to noise, insert a pull down resistance (about 5 kΩ) between
CNVss and Vss, and placed as close as possible to the CNVss pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com