Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 227Page - Renesas Technology Corp M16C/1N Datasheet HTML 228Page - Renesas Technology Corp M16C/1N Datasheet HTML 229Page - Renesas Technology Corp M16C/1N Datasheet HTML 230Page - Renesas Technology Corp M16C/1N Datasheet HTML 231Page - Renesas Technology Corp M16C/1N Datasheet HTML 232Page - Renesas Technology Corp M16C/1N Datasheet HTML 233Page - Renesas Technology Corp M16C/1N Datasheet HTML 234Page - Renesas Technology Corp M16C/1N Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 219 of 222
M16C/1N Group
REJ090007-0100Z
20. Precautionary Notes in Using the Device
20.9 Flash Memory Version
20.9.1 Functions to Prevent Flash Memory from Rewriting
ID codes are stored in addresses 0FFFDF16, 0FFFE316, 0FFFEB16, 0FFFEF16, 0FFFF316,
0FFFF716, and 0FFFFB16. If wrong data are written to these addresses, the flash memory cannot
be read or written in standard serial I/O mode and CAN I/O mode.
The ROMCP register is mapped in address 0FFFFF16. If wrong data is written to this address, the
flash memory cannot be read or written in parallel I/O mode.
In the flash memory version of microcomputer, these addresses are allocated to the vector ad-
dresses (H) of fixed vectors.
20.9.2 Stop Mode
When entering stop mode, the following settings are required:
• Set the CM10 bit to "1" (stop mode) after setting FMR01 bit to "0" (CPU rewrite mode disable).
• Execute the instruction to set the CM10 bit to "1" (stop mode) and then the JMP.B instruction.
Example program
BSET
0, CM1
; Stop mode
JMP.B
L1
L1:
Program after exiting from stop mode
20.9.3 Wait Mode
When entering wait mode, set the FMR01 bit in the FMR0 register to "0" (CPU rewrite mode dis-
abled) before executing the WAIT instruction.
20.9.4 Low Power Dissipation Mode and On-Chip Oscillator Low Power Dissipation Mode
If the CM05 bit is set to "1" (main clock stopped), do not execute the following commands:
• Program
• Block erase
• Erase all unlocked blocks
• Lock bit program
20.9.5 Writing Command and Data
Write commands and data to even addresses in the user ROM area.
20.9.6 Program Command
By writing "xx4016" in the first bus cycle and data to the write address in the second bus cycle, an
auto program operation (data program and verify) will start. The address value specified in the first
bus cycle must be the same even address as the write address specified in the second bus cycle.
20.9.7 Operation Speed
Set the CM06 bit in the CM0 register and the CM17 to CM16 bits in the CM1 register to clock
frequency of 10 MHz or less before entering CPU rewrite mode (EW0 or EW1 mode). Also, set the
PM17 bit in the PM1 register to "1" (with wait state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com