Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/1N Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # M16C/1N
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 218Page - Renesas Technology Corp M16C/1N Datasheet HTML 219Page - Renesas Technology Corp M16C/1N Datasheet HTML 220Page - Renesas Technology Corp M16C/1N Datasheet HTML 221Page - Renesas Technology Corp M16C/1N Datasheet HTML 222Page - Renesas Technology Corp M16C/1N Datasheet HTML 223Page - Renesas Technology Corp M16C/1N Datasheet HTML 224Page - Renesas Technology Corp M16C/1N Datasheet HTML 225Page - Renesas Technology Corp M16C/1N Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 210 of 222
M16C/1N Group
REJ090007-0100Z
20. Precautionary Notes in Using the Device
20.3.5 Timer Z
1. When count is stopped by writing "0" to the timer Z count start flag, the timer reloads the value of
reload register and stops. Therefore, the timer count value should be read out before the timer
stops.
2. When count is stopped by writing "0" to the timer Z count start flag (all modes) or by writing "0" to
the one-shot start bit (programmable one-shot generation mode/programmable wait one-shot gen-
eration mode), the timer Z interrupt request flag becomes "1" and an interrupt occurs. Thus, disable
interrupts before the timer stops. Furthermore, set the Timer Z interrupt request bit to "0" before
starting counting again.
20.3.6 Timer C
1. Read out the timer C or timer measurement register using in word-size.
Even if the Timer C is read out in word-size, the timer value is not updated during the period the
high-byte and low-byte are being read.
Example:
MOV.W
0091H,R0
;Read out timer C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com