Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 156Page - Renesas Technology Corp SH7708 Datasheet HTML 157Page - Renesas Technology Corp SH7708 Datasheet HTML 158Page - Renesas Technology Corp SH7708 Datasheet HTML 159Page - Renesas Technology Corp SH7708 Datasheet HTML 160Page - Renesas Technology Corp SH7708 Datasheet HTML 161Page - Renesas Technology Corp SH7708 Datasheet HTML 162Page - Renesas Technology Corp SH7708 Datasheet HTML 163Page - Renesas Technology Corp SH7708 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 633 page
background image
142
Table 8.1
Power-Down Modes
State
Mode
Transition
Conditions
CPG
CPU
CPU
Reg-
ister
On-Chip
Memory
On-Chip
Peripheral
Modules
Pins
External
Memory
Canceling
Procedure
Sleep
mode
Execute SLEEP
instruction with
STBY bit cleared
to 0 in STBCR
Runs Halts
(Reg-
ister
held)
Held
Held
Run
Held Refresh
1. Interrupt
2. Reset
Standby
mode
Execute SLEEP
instruction with
STBY bit set to 1
in STBCR
Halts Halts
(Reg-
ister
held)
Held
Held
Halts*
1
Held Self-
refresh
1. Interrupt
2. Reset
Hardware
standby
mode
Drive CA pin
low
Halts Halts
(Reg-
ister
held)
Held
Held
Halts*
3
Held Self-
refresh
Power-on
reset
Module
standby
Set MSTP bit of
STBCR to 1
Runs Runs
Held
Held
Specified
module
halts
*
2
Refresh
1. Clear
MSTP
bit to 0
2. Reset
Notes: 1. The RTC still runs if the START bit in RCR2 is set to 1 (see section 12, Realtime Clock
(RTC)). TMU still runs when output of the RTC is used as input to its counter (see
section 11, Timer (TMU)).
2. Depends on the on-chip supporting module.
TMU external pin: Held
SCI external pin: Reset
3. The RTC still runs if the START bit in RCR2 is set to 1 (see section 12, Realtime Clock
(RTC)). The TMU does not run.
8.1.2
Register Configuration
Table 8.2 shows the configuration of the control register for the power-down modes.
Table 8.2
Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Standby control register
STBCR
R/W
H'00*
H'FFFFFF82
Byte
Note: * Initialized by a power-on reset. In a manual reset, the register contents are retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com