Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 157Page - Renesas Technology Corp SH7708 Datasheet HTML 158Page - Renesas Technology Corp SH7708 Datasheet HTML 159Page - Renesas Technology Corp SH7708 Datasheet HTML 160Page - Renesas Technology Corp SH7708 Datasheet HTML 161Page - Renesas Technology Corp SH7708 Datasheet HTML 162Page - Renesas Technology Corp SH7708 Datasheet HTML 163Page - Renesas Technology Corp SH7708 Datasheet HTML 164Page - Renesas Technology Corp SH7708 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 633 page
background image
143
8.1.3
Pin Configuration
Table 8.3 lists the pins used for the power-down modes.
Table 8.3
Pin Configuration
Processing
Status 1 Pin (STATUS1)
Processing
Status 0 Pin (STATUS0)
I/O
Processor
Operating Status
High
High
O
Reset
Low
Sleep mode
Low
High
Standby mode
Low
Normal operation
Note:
The “normal operation” status applies during refresh cycles even in sleep mode.
8.2
Register Description
8.2.1
Standby Control Register (STBCR)
The standby control register (STBCR) is an 8-bit read/write register that sets the power-down
mode. STBCR is initialized to H'00 by a power-on reset. Always set bits 6–3 to 0 when writing to
the STBCR register.
Bit:
7
6
5
4
3
2
1
0
Bit name:
STBY
MSTP2
MSTP1
MSTP0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R
R
R
R
R/W
R/W
R/W
Bit 7—Standby (STBY): Specifies transition to standby mode.
Bit 7: STBY
Description
0
Executing SLEEP instruction puts the chip into sleep mode.
(Initial value)
1
Executing SLEEP instruction puts the chip into standby mode.
Bits 6 to 3—Reserved: These bits always read 0. The write value should always as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com