Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 158Page - Renesas Technology Corp SH7708 Datasheet HTML 159Page - Renesas Technology Corp SH7708 Datasheet HTML 160Page - Renesas Technology Corp SH7708 Datasheet HTML 161Page - Renesas Technology Corp SH7708 Datasheet HTML 162Page - Renesas Technology Corp SH7708 Datasheet HTML 163Page - Renesas Technology Corp SH7708 Datasheet HTML 164Page - Renesas Technology Corp SH7708 Datasheet HTML 165Page - Renesas Technology Corp SH7708 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 633 page
background image
144
Bit 2—Module Standby 2 (MSTP2): Specifies halting the clock supply to the timer unit TMU (an
on-chip supporting module). When the MSTP2 bit is set to 1, the supply of the clock to the TMU
is halted.
Bit 2: MSTP2
Description
0
TMU runs.
(Initial value)
1
Clock supply to TMU is halted.
Bit 1—Module Standby 1 (MSTP1): Specifies halting the clock supply to the realtime clock RTC
(an on-chip supporting module). When the MSTP1 bit is set to 1, the supply of the clock to RTC is
halted. When the clock halts, all RTC registers become inaccessible, but the counter keeps
running.
Bit 1: MSTP1
Description
0
RTC runs.
(Initial value)
1
Clock supply to RTC is halted.
Bit 0—Module Standby 0 (MSTP0): Specifies halting the clock supply to the serial
communication interface SCI (an on-chip supporting module). When the MSTP0 bit is set to 1, the
supply of the clock to the SCI is halted.
Bit 0: MSTP0
Description
0
SCI operates.
(Initial value)
1
Clock supply to SCI is halted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com