Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 159Page - Renesas Technology Corp SH7708 Datasheet HTML 160Page - Renesas Technology Corp SH7708 Datasheet HTML 161Page - Renesas Technology Corp SH7708 Datasheet HTML 162Page - Renesas Technology Corp SH7708 Datasheet HTML 163Page - Renesas Technology Corp SH7708 Datasheet HTML 164Page - Renesas Technology Corp SH7708 Datasheet HTML 165Page - Renesas Technology Corp SH7708 Datasheet HTML 166Page - Renesas Technology Corp SH7708 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 633 page
background image
145
8.3
Sleep Mode
8.3.1
Transition to Sleep Mode
Executing the SLEEP instruction when the STBY bit in STBCR is 0 causes a transition from the
program execution state to sleep mode. Although the CPU halts immediately after executing the
SLEEP instruction, the contents of its internal registers remain unchanged. The on-chip supporting
modules continue to run during sleep mode and the clock continues to be output to the CKIO pin.
In sleep mode, the STATUS1 pin is set high and the STATUS0 pin low. However, during a
refresh cycle, the STATUS1 pin and STATUS0 pin are both set low.
8.3.2
Canceling Sleep Mode
Sleep mode is canceled by an interrupt (NMI, IRL, on-chip supporting module) or reset. Interrupts
are accepted during sleep mode even when the BL bit in the SR register is 1.
Canceling with an Interrupt: When an NMI, IRL or on-chip supporting module interrupt occurs,
sleep mode is canceled and interrupt exception handling is executed. A code indicating the
interrupt source is set in the INTEVT register.
Canceling with a Reset: Sleep mode is canceled by a power-on reset or a manual reset.
8.4
Standby Mode
8.4.1
Transition to Standby Mode
To enter standby mode, set the STBY bit to 1 in STBCR, then execute the SLEEP instruction. The
chip moves from the program execution state to standby mode. In standby mode, power
consumption is greatly reduced by halting not only the CPU, but the clock and on-chip supporting
modules as well. The clock output from the CKIO pin also halts. CPU and cache register contents
are held, but some on-chip supporting modules are initialized. Table 8.4 lists the states of registers
in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com