Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 20Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 21Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 22Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 23Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 24Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
900844
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Power Supply Rejection Ratio (PSRR) (20 to 100 kHz, ICCP = 334 mA,
V15 = 1.5 V)
PSRRCCP
50
60
-
dB
Effective Quiescent Current Consumption
Active Mode
Low Power Mode
IQCCP
-
-
-
-
18
10
µA
VIMG25 ELECTRICAL CHARACTERISTICS
Input Voltage Range
VPWR
3.0
3.6
4.4
V
Output Voltage Setting
VIMG25
-
2.5
-
V
Output Voltage Accuracy
-
-5.0
-
5.0
%
Under-voltage Detection Threshold (With respect to the output voltage)
VIMG25UV
-
-12
-
%
Under-voltage Detection Threshold Hysteresis
VIMG25UVH
-
1.0
-
%
Continuous Output Load Current
Active Mode
Low Power Mode
IIMG25
-
-
-
-
80
1.6
mA
Current Limit
ILIMIMG25
-
120
-
mA
Transient Load Change
ΔIIMG25
-
-
10
mA
Power Supply Rejection Ratio (PSRR) (20 to 100 kHz, IIMG25 = 60 mA,
VPWR = 3.3 V)
PSRRIMG25
50
60
-
dB
Effective Quiescent Current Consumption
Active Mode
Low Power Mode
IQIMG25
-
-
-
-
18
10
µA
VIMG28 ELECTRICAL CHARACTERISTICS
Input Voltage Range
VPWR
3.0
3.6
4.4
V
Output Voltage Setting
VIMG28
(Selectable, see Table 43)
V
Output Voltage Accuracy
-
-5.0
-
5.0
%
Under-voltage Detection Threshold (With respect to the output voltage)
VIMG28UV
-
-12
-
%
Under-voltage Detection Threshold Hysteresis
VIMG28UVH
-
1.0
-
%
Continuous Output Load Current
Active Mode
Low Power Mode
IIMG28
-
-
-
-
225
4.5
mA
Current Limit
ILIMIMG28
-
337.5
-
mA
Transient Load Change
ΔIIMG28
-
-
100
mA
Power Supply Rejection Ratio (PSRR) (20 to 100 kHz, IIMG28 = 169 mA,
VPWR = 3.3 V)
PSRRIMG28
50
60
-
dB
Effective Quiescent Current Consumption
Active Mode
Low Power Mode
IQIMG28
-
-
-
-
18
10
µA
Table 3. Static Electrical Characteristics
TA = -40 to 85 °C, VPWR = 3.0 to 4.4 V, in gathering these parametrics, Freescale used the external components described in
the Hardware Design Considerations section of this document, over the full load current range, unless otherwise noted. Typical
values are characterized at VPWR = 3.6 V and 25 °C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com