Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 20Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 21Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
900844
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VPMIC ELECTRICAL CHARACTERISTICS
Input Voltage Range
V21
1.995
2.1
2.205
V
Output Voltage Setting
VPMIC
-
1.8
-
V
Output Voltage Accuracy
-
-5.0
-
5.0
%
Under-voltage Detection Threshold (With respect to the output voltage)
VPMICUV
-
-12
-
%
Under-voltage Detection Threshold Hysteresis
VPMICUVH
-
1.0
-
%
Continuous Output Load Current
Active Mode
Low Power Mode
IPMIC
-
-
-
-
100
2.0
mA
Current Limit
ILIMPMIC
-
150
-
mA
Transient Load Change
ΔIPMIC
-
-
20
mA
Power Supply Rejection Ratio (PSRR) (20 to 100 kHz, IPMIC = 75 mA,
V21 = 2.1 V)
PSRRPMIC
50
60
-
dB
Effective Quiescent Current Consumption
Active Mode
Low Power Mode
IQPMIC
-
-
-
-
18
10
µA
VYMXYFI18 ELECTRICAL CHARACTERISTICS
Input Voltage Range
V21
1.995
2.1
2.205
V
Output Voltage Setting
VYMXYFI18
-
1.8
-
V
Output Voltage Accuracy
-
-5.0
-
5.0
%
Under-voltage Detection Threshold (With respect to the output voltage)
VYMXYFI18UV
-
-12
-
%
Under-voltage Detection Threshold Hysteresis
VYMXYFI18UVH
-
1.0
-
%
Continuous Output Load Current
Active Mode
Low Power Mode
IYMXYFI18
-
-
-
-
200
4.0
mA
Current Limit
ILIMYMXYFI18
-
300
-
mA
Transient Load Change
ΔIYMXYFI18
-
-
100
mA
Power Supply Rejection Ratio (PSRR) (20 to 100 kHz, IYMXYFI18 = 150 mA),
(V21 = 2.1 V or VPWR = 3.6 V)
PSRRYMXYFI18
40
-
-
dB
Output Noise (10 Hz to 100 kHz, IYMXYFI18 = 200 mA), (V21 = 2.1 V or
VPWR = 3.6 V)
VNOISEYMXYFI18
-
-
40
µVRMS
Effective Quiescent Current Consumption
Active Mode
Low Power Mode
IQYMXYFI18
-
-
-
-
18
10
µA
Table 3. Static Electrical Characteristics
TA = -40 to 85 °C, VPWR = 3.0 to 4.4 V, in gathering these parametrics, Freescale used the external components described in
the Hardware Design Considerations section of this document, over the full load current range, unless otherwise noted. Typical
values are characterized at VPWR = 3.6 V and 25 °C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com