Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 37Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 38Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 39Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 40Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 41Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 42Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 43Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 44Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
900844
FUNCTIONAL DEVICE OPERATION
SYSTEM CONTROL INTERFACE
X is from 1 to 8 in Table 13.
The rest of the 24 registers reside in the Freescale dedicated register space. X is from 1 to 16 in Table 14.
Output Driver Control
Select output pins output drive capability can be programmed for 4 different settings as shows in the following tables. All of
the following outputs follow the settings as shown.
PLL Control
The following register controls the PLL and the different divider values for different output frequencies.
Table 13. General Purpose Memory MEMx Register Structure and Bits Description
Register
Name
Bits
Description
MEMx
-
7:0
General Purpose Memory Register x
Table 14. General Purpose Memory FSLMEMx Register Structure and Bits Description
Register
Name
Bits
Description
FSLMEMx
-
7:0
General Purpose Memory Register x
Table 15. Output Driver Control Selection
Slope Select
Rise Time (ns)
Fall Time (ns)
0
0
8.4
7.0
0
1
6.2
6.2
1
0
Hi-Z
Hi-Z
1
1
22.3
21.3
Table 16. Output Driver Register Structure and Bit Description
Name
Bits
Description
FSLOUTDRVCNTL1 (ADDR 0x1BF - R/W - Default Value: 0x00)
PWRGDDRV
1:0
PWRGD Output Pin Driver Capability
VRCOMPBDRV
3:2
VRCOMP Output Pin Driver Capability
PMICINTDRV
5:4
PMICINT Output Pin Driver Capability
RESETBDRV
7:6
RESETB Output Pin Driver Capability
FSLOUTDRVCNTL3 (ADDR 0x1C1 - R/W - Default Value: 0x01)
SPISDODRV
1:0
MISO Output Pin Driver Capability
RSVD
7:2
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com