Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 91Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 92Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 93Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 94Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 95Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 96Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 97Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 98Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
95
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
Touch Screen Pen detection bias can be enabled via the PENDETEN bit in the ADCCNTL1 register. When this bit is enabled
and a pen touch is detected, the PENDET bit in register ADCINT is set and the PMICINT pin is asserted. This is to interrupt the
system, because a touch screen pen touch has been detected at the next ADC cycle, unless the interrupt is masked.
The prior reference for the touch screen (Touch Bias) is TSREF and is powered from VCORE. In touch screen operation,
TSREF is a dedicated regulator. No loads other than the touch screen should be connected here. When the ADC performs non
touch screen conversions, the ADC does not rely on TSREF and the reference can be disabled.
The readouts are designed such that the on chip switch resistances are of no influence to the overall readout. The readout
scheme does not account for contact resistances, as present in the touch screen connectors. Therefore, the touch screen
readings have to be calibrated by the user or in the factory, where one has to point with a stylus to the opposite corners of the
screen. When reading out the X-coordinate, the 10-bit ADC reading represents a 10-bit coordinate with '0' for a coordinate equal
to X- and full scale '1023' when equal to X+. When reading out the Y-coordinate, the 10-bit ADC reading represents a 10-bit
coordinate with '0' for a coordinate equal to Y- and full scale '1023' when equal to Y+. When reading the contact resistance the
10-bit ADC reading represents the voltage drop over the contact resistance created by the known current source multiplied by 2.
ADC STATUS/CONTROL REGISTERS AND BIT DESCRIPTION
Reference the Table 67 for read/write conditions and default state for each of these registers
Table 66. Touch Screen System Requirements
Description
Symbol
Min
Typ
Max
Unit
Plate Resistance X, Y
-
100
-
1000
Ω
Resistance Between Plates, Contact
-
180
-
1200
Ω
Capacitance Between Plates
-
0.5
2.0
-
nF
Contact Resistance Current Source
-
-
100
-
μA
Interrupt Current Source
-
-
20
-
μA
Interrupt Threshold
-
40
-
60
k
Ω
Current Source Inaccuracy
-
-
-
20
%
Quiescent Current (Active Mode)
-
20
-
μA
Max Load Current (Active Mode)
-
-
20
mA
Settling Time (Position Measurement)
-
3.0
-
5.5
μs
Table 67. ADC Interrupt/Mask Registers Structure and Bits Description
Name
Bits
Description
ADCINT (ADDR 0x5F - R - Default Value: 0x00)
RND
0
ADC Round Robin Cycle Completion Interrupt
x0 = Not Completed
x1 = Completed
PENDET
1
Touch Screen Pen Detection Interrupt
x0 = Pen Not Detected
x1 = Pen Detected
Reserved
7:2
Reserved
MADCINT (ADDR 0x60 - R/W -Default Value: 0x00)
MRND
0
ADC Round Robin Cycle Completion Interrupt Mask
x0 = Unmask
x1 = Mask
MPENDET
1
Touch Screen Pen Detection Interrupt Mask
x0 = Unmask
x1 = Mask
Reserved
7:2
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com