Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 90Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 91Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 92Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 93Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 94Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 95Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 96Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 97Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 118 page
background image
Analog Integrated Circuit Device Data
94
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
APPLICATION SUPPLY (IF USED)
Channel 22 can be used to read the application supply voltage at the VPWR pin. This can be enabled by setting the
VPWRCON bit in the FSLADCCNTL register high. The battery voltage is first scaled as VPWR/2 in order to fit the input range of
the ADC.
BACKUP VOLTAGE (IF USED)
Channel 25 can be used to read the voltage of the coin cell connected to the COINCELL. This is enabled by setting the LICON
bit in the FSLADCCNTL register to 1. Since the voltage range of the coin cell exceeds the input voltage range of the ADC, the
COINCELL voltage is first scaled as
VCOIN*2/3.
TOUCH SCREEN INTERFACE
The PMIC touch screen support consists of four analog input channels with built in bias control. The BIAS FET control bits are
part of the ADC round robin address register ADCADDRx. The touch screen X plate is connected to ADIN10 (X+) and ADIN11
(X-), while the Y plate is connected to ADIN12(Y+) and ADIN13(Y-). A local supply, TSREF, of 1.2 V will serve as a reference.
The system processor will handle the touch screen sequencing and any necessary conversion delays. The system processor
will direct the desired bias control for every reading though the ADCADDRx registers. If FET biasing is enabled though the
ADCADDRx registers, then touch screen readings will start according based on the channels chosen, and also by the
ADCADDRx registers. If the touch screen is not used, then the above inputs can be used as general purpose inputs. In this case,
the bias control will always be programmed to no bias.
Figure 50 is a touch screen representation.
Figure 50. Touch Screen Configuration Example
Table 64. Application Supply Voltage Reading Coding
Conversion Code
Voltage at ADC input
Voltage at VPWR
1 111 111 111
2.400 V
4.800 V
1 000 010 100
1.250 V
2.500 V
0 000 000 000
0.000 V
0.000 V
Table 65. Backup (Coin Cell) Voltage Reading Coding
Conversion Code Voltage at ADC input Voltage at COINCELL
1 111 111 111
2.400 V
3.600 V
1 000 000 000
1.200 V
1.800 V
0 000 000 000
0.000 V
0.000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com