Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 81Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 82Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 83Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 84Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 85Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 86Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 87Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 88Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
85
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
VRFAULT
Every supply is equipped with a fault reporting signal called xxxFAULT, where xxx is the name of the power supply. This
FAULT signal is an OR function of all of the following possible faults, or just a subset of them depending on the power supply:
• Output under-voltage
• Output over-voltage
• Over-current
• Short-circuit
Reference each power supply’s section for more information on what faults are included, and how the supply protects itself
and the load in response to the fault.
All of the xxxFAULT signals from all power supplies are ORed together into the BATOCP interrupt signal, which if unmasked,
sets the VRFAULT 1st level interrupt that causes the PMICINT pin to assert, notifying the SC of a system event. The SC can
service the VRFAULT register and access the FAULTx registers for more information on which supply caused the fault. The SC
can then take different measures, depending on the supply in question.
The xxxFAULT signals are stored in the Freescale defined registers section (Addr 0x180 - 0x1FF), which is meant for extended
functionality.
Table 50. FSLFAULT1 Fault Status Register Structure and
Bit Description
Name
Bits
Description
FSLFAULT1 (ADDR 0X1CC - R/W - DEFAULT VALUE: 0X00)
VCCFAULT
0
VCC Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VNNFAULT
1
VNN Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VDDQFAULT
2
VDDQ Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
V21FAULT
3
V21 Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
V15FAULT
4
V15 Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
RSVD
7:5
Reserved
Table 51. FSLFAULT2 Fault Status Register Structure and
Bit Description
Name
Bits
Description
FSLFAULT2 (ADDR 0X1CD - R/W - DEFAULT VALUE: 0X00)
RSVD
2:0
Reserved
VBGFAULT
3
VBG Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VCCAFAULT
4
VCCA Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VCC180FAULT
5
VCC180 Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VPNL18FAULT
6
VPNL18 Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists
VPMICFAULT
7
VPMIC Regulator Fault Signal
x0 = No Fault Exists
x1 = Fault Exists



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com