Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 45Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 46Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 47Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 48Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 49Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 50Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 51Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 52Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
900844
FUNCTIONAL DEVICE OPERATION
CLOCK GENERATION AND REAL TIME CLOCK (RTC)
AIE
5
Alarm Interrupt Enable
x0 = Alarm flag (AF) bit in Register C is not permitted to assert the interrupt request flag (IRQF) in Register C
x1 = Alarm flag (AF) bit in Register C is permitted to assert the interrupt request flag (IRQF) in Register C
Reserved
6
Fixed to 0
SET
7
Set mode enable bit for the program to initialize the time and calendar bytes
x0 = The update cycle functions normally by advancing the counts once-per-second.
x1 = Any update cycle in progress is aborted and the program may initialize the time and calendar bytes without an
update occurring in the midst of initializing.
RTCC (ADDR 0x1C - R - Default Value: 0x00)
Reserved
3:0
Reserved
UF
4
Update-Ended Interrupt Flag. Set after each update cycle.
X0 = UIE bit will not effect IRQF state
x1 = When UIE bit goes high, the IRQF bit goes high
AF
5
Alarm Interrupt Flag. Indicates that the current time has matched the alarm time.
X0 = AIE bit will not effect IRQF state
x1 = When AIE bit goes high, the IRQF bit goes high
Reserved
6
Fixed to 0
IRQF
7
Interrupt Request Flag. IRQF = (AF&AIE) + (UF&UIE)
The interrupt request flag (IRQF) is set to a “1” when one or more of the following are true:
AF = AIE = “1”
UF = UIE = “1”
x0 = Above Equation is not true
x1 = Above Equation is true
RTCD (ADDR 0x1D - R - Default Value: 0x00)
Reserved
6:0
Fixed to 000000
VRT
7
The Valid RAM and Time (VRT) bit indicates the condition of the contents of the RTC time and calendar registers.
A "0" appears in the VRT bit when the RTC registers have been reset. The processor program should set the VRT
bit after the time and calendar are initialized to indicate that the time and calendar are valid. The VRT bit can only
be set by reading register D.
RTCE (ADDR 0x1E - R/W - Default Value: 0x05)
OSCSTP
0
Oscillator (32 kHz) Clock Stop Flag
x0 = XTAL Oscillator
x1 = Internal RC Oscillator
BKDET
1
Coin Cell Backup Voltage Status
x0 = No change
x1 = Coin Cell below "low-voltage" threshold
When this bit is set to 1, the SW takes corresponding action for a coin cell well below the operating voltage, and
clears the BKDET to get ready for the next event.
POR
2
RTC Reset Flag
x0 = No reset was detected
x1 = POR occurred
SCRATCH
7:3
These bits shall not exert any control over the operation of the RTC, and are intended to be used as scratch pad
registers by the system controller. Their contents are erased on RTCPORB.
Table 20. RTC Control Registers Structure and Bit Description
Name
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com