Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 20Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
900844
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Current Limit
ILIMCCA
-
225
-
mA
Transient Load Change
ΔICCA
-
-
50
mA
Power Supply Rejection Ratio (PSRR) (20 to 100 kHz, ICCA = 112.5 mA,
VDDQ = 1.8 V)
PSRRCCA
50
60
-
dB
Effective Quiescent Current Consumption
Active Mode
Low Power Mode
IQCCA
-
-
-
-
18
10
µA
VCC180 ELECTRICAL CHARACTERISTICS
Input Voltage Range
V21
1.995
2.1
2.205
V
Output Voltage Setting
VCC180
-
1.8
-
V
Output Voltage Accuracy
-
-5.0
-
5.0
%
Under-voltage Detection Threshold (With respect to the output voltage)
VCC180UV
-
-12
-
%
Under-voltage Detection Threshold Hysteresis
VCC180UVH
-
1.0
-
%
Continuous Output Load Current
Active Mode
Low Power Mode
ICC180
-
-
-
-
390
7.8
mA
mA
Current Limit
ILIMCC180
-
585
-
mA
Transient Load Change
ΔICC180
-
-
350
mA
Power Supply Rejection Ratio (PSRR) (20 to 100 kHz, ICC180 = 292.5 mA,
V21 = 2.1 V)
PSRRCC180
50
60
-
dB
Effective Quiescent Current Consumption
Active Mode
Low Power Mode
IQCC180
-
-
-
-
18
10
µA
VPNL18 ELECTRICAL CHARACTERISTICS SPECIFICATION
Input Voltage Range
V21
1.995
2.1
2.205
V
Output Voltage Setting
VPNL18
-
1.8
-
V
Output Voltage Accuracy
-
-5.0
-
5.0
%
Under-voltage Detection Threshold (With respect to the output voltage)
VPNL18UV
-
-12
-
%
Under-voltage Detection Threshold Hysteresis
VPNL18UVH
-
1.0
-
%
Continuous Output Load Current
Active Mode
Low Power Mode
IPNL18
-
-
-
-
210
4.2
mA
Current Limit
ILIMPNL18
-
315
-
mA
Transient Load Change
ΔIPNL18
-
-
100
mA
Power Supply Rejection Ratio (PSRR) (20 to 100 kHz, IPNL18 = 157.5 mA,
V21 = 2.1 V)
PSRRPNL18
50
60
-
dB
Effective Quiescent Current Consumption
Active Mode
Low Power Mode
IQPNL18
-
-
-
-
18
10
µA
Table 3. Static Electrical Characteristics
TA = -40 to 85 °C, VPWR = 3.0 to 4.4 V, in gathering these parametrics, Freescale used the external components described in
the Hardware Design Considerations section of this document, over the full load current range, unless otherwise noted. Typical
values are characterized at VPWR = 3.6 V and 25 °C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com