Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 89Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 90Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 91Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 92Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 93Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 94Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 95Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 96Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
93
900844
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
CURRENT SENSING
The load current sourced by a select set of regulators can be measured and recorded by the ADC on channels 1 through 5.
Table 61 shows a summary of these regulators, type, and their current ranges.
INPUT VOLTAGE
The input voltage is read at the VBAT pin at channel 6. The input voltage is first scaled by subtracting 2.40 V in order to fit the
input range of the ADC.
GENERAL PURPOSE ANALOG INPUTS
There are twelve general purpose analog input channels that can be measured through the ADIN10-ADIN21 pins. Two voltage
scaling (gain) settings can be selected to accommodate a wider range of inputs through the ADCCNTL3 and ADCCNTL4
registers. A gain of 0 sets a corresponding scaling factor of 1 (for an input range of 2.0 V) and a gain of 1 sets a corresponding
scaling factor of 10 (for an input range of 200 mV).
Table 60. PMIC Die Temperature Voltage Reading
Parameter
Typical
Die Temperature Read Out Code at 25 °C
1011000001
Temperature change per LSB
+0.4244 °C
Customer Defined LSB Value
1.0000 °C
Multiplier Value for Output Register
x2.36
Table 61. Regulators Current Sensing
Regulator
Type
Current Range
VCC
Buck
0 – 3.5 A
VNN
Buck
0 – 1.6 A
VCC180
LDO
0 – 0.39 A
Table 62. Battery Voltage Reading Coding
Conversion Code
Voltage at ADC input
Voltage at VBAT
1 111 111 111
2.400 V
4.800 V
1 000 010 100
1.250 V
2.500 V
0 000 000 000
0.000 V
0.000 V
Table 63. General Purpose Analog Inputs Reading Coding
Conversion Code
Voltage at ADC input Voltage at ADINx Input
GAIN
1 111 111 111
2.400
0.200
1
1 011 111 111
1.800
0.150
0 011 111 111
0.600
0.050
0 000 000 000
0.000
0.000
1 111 111 111
2.400
2.000
0
1 011 111 111
1.800
1.500
0 011 111 111
0.600
0.500
0 000 000 000
0.000
0.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com