Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 65Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 66Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 67Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 68Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 69Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 70Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 71Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 72Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
69
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
VBG
VBG is a low drop-out (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance, low noise, and high
PSRR, with a low quiescent current and fast transient response. VBG is actively discharged during shutdown.
VBG shares an input voltage pin (PVIN1P8) and a reference ground pin (GND1P8) with the VCCA regulator, yet each has
independent control. PVIN1P8 is supplied from the VDDQ voltage if VDDQ output is set to 1.8 V, otherwise connect to V21 when
VDDQ is set to 1.5 V.
Figure 34. VBG Detailed Internal Block Diagram
Main Features
• Uses VDDQ or V21 as the main power supply
•2.0 mA maximum continuous output current
• Optimized for a 1.0 µF external filter capacitor with a maximum of 10 m
Ω ESR
• Uses an internal pass FET
• The output for each LDO is monitored for over-current conditions and under-voltage events
VBG Status/Control Registers and Bits Description
Reference the register map for read/write conditions and default state for each of these registers.
VCCA
VCCA is a low drop-out (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance, low noise, and high
PSRR, with a low quiescent current and fast transient response. VCCA is actively discharged during shutdown.
Table 31. VBG Control Register Structure and Bits Description
Name
Bits
Description
VLBGCNT (ADDR 0x3F - R/W - Default Value: 0 x24)
CTLVBG
2:0
VBG State Control
x0 = Reserved
x1 = Reserved
x2 = Reserved
x3 = Reserved
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
AOACCTLVBG
5:3
VBG State Control during AOAC Exit (when the Exit pin is EXITSTBY pin is asserted). These bits will be initialized
by the system SPI controller after power up.
X0 = Do not copy
x1 = Do not copy
x2 = Do not copy
x3 = Do not copy
x4 = OFF
x5 = Low Power
x6 = Active
x7 = Active
Reserved
7:6
Reserved
Z
+
_
Controller
VOBG
VDDQ
PVIN 1P8
VOUTBG
Output Monitor
IOBG
SPI
Interface
CIN1P8
COBG
VOBG
CTLVBG
AOACCTLVBG
VBGFAULT
VREF
GND1P8
Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com