Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

900844 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # 900844
Description  Integrated Power Management IC for Ultra-mobile and Embedded Applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

900844 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button 900844 Datasheet HTML 64Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 65Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 66Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 67Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 68Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 69Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 70Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 71Page - Freescale Semiconductor, Inc 900844 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 118 page
background image
Analog Integrated Circuit Device Data
68
Freescale Semiconductor
900844
FUNCTIONAL DEVICE OPERATION
POWER SUPPLIES
LDO POWER SUPPLIES
Freescale’s power management solution for the Ultra-mobile platform for Netbooks, Tablets, and Slates includes 14 LDO
regulators, all of which are housed in the 900844 PMIC.
LDO OPERATION MODES SELECTIONS
• OFF - The regulator is switched off
• ACTIVE - The regulator is switched on and the output is at the programmed level. The maximum load current is allowed.
• LOW POWER - The regulator is switched on and the outputs is at the programmed level. The load current is limited.
• TEST/TRIM - This is not a functional mode, thus requiring certain steps to prevent unintentional activation of this mode. During
this mode, the device performs measurements and trimming.
All LDOS are able to work in a low power mode, in which the bias current is reduced. The output drive capability and
performance are limited in this mode. This mode occurs automatically when the load current decreases below the low power
mode limit, except on VBG and VMM, in which this mode can only be set through SPI programming. All other LDOS can set the
low power mode through SPI programming.
Note: If low power mode is set through the SPI at a load current higher than the maximum allowed, the performance of the
LDO is not guaranteed.
Table 30 is a summary of LDO characteristics
Table 30. 900844 LDO Power Supplies Summary
Regulator
Typ. Voltage
Max
Continuous
Current
Description
VBG
1.25 V
2.0 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VCCA
1.5 V
150 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VCC180
1.8 V
390 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VPNL18
1.8 V
225 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VPMIC
1.8 V
50 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VYMXYFI18
1.8 V
200 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VCCPAOAC
1.05 V
155 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VCCPDDR
1.05 V
60 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VAON
1.2 V
250 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VMM
1.2 V
5.0 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VCCP
1.05 V
445 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VIMG25
2.5 V
80 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VIMG28
1.5 - 2.9 V
225 mA
Low Dropout (LDO) fully integrated regulator with a P-CH Pass FET. It is high performance,
low noise, and high PSRR with a low quiescent current and fast transient response.
VSDIO
1.8 or 3.3 V
215 mA
VSDIO is a combo Low Dropout (LDO) and power switch. It uses an external P-CH Pass FET,
applicable only in power switch mode. VSDIO serves as an LDO when its output voltage is set
to 1.8 V, and as a switch when its output voltage is set to 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com